Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1020PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # 2SA1020PT
Description  2SA1020PT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2SA1020PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  2SA1020PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SA1020PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SA1020PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. 2SA1020PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING CHARACTERISTIC CURVES ( 2SA1020PT )
CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
PARAMETERS
CONDITION
Collector Cut-off Current
Emitter Cut-off Current
DC Current Gain
IE=0; VCB=-50V
IC=0; VEB=-5V
VCE=-2V; Note 1
IC=-0.5A; Note 2
IC=-1.0A
Collector-Emitter Saturation Voltage
IC=-1A; IB=-0.05A
Base-Emitter Saturatio Voltage
IC=-1A; IB=-0.05A
IE=ie=0; VCB=10V;
f=1MHz
IC=-0.5A; VCE=-2V;
f=100MHz
Collector Capacitance
Transition Frequency
SYMBOL
ICBO
ICEO
hFE
CC
fT
VBEsat
VCEsat
MIN.
MAX.
TYPE
UNITS
-
-0.1
uA
uA
Volts
mVolts
pF
MHz
-
-
-0.1
-
70
20
240
-
-
-
-
-0.5
-
-
-1.2
-
-
-
40
-
-
120
SWITCHING TIMES ( Between 10% and 90% levels )
PARAMETERS
CONDITION
Turn-on Time
-IB1=IB2=0.05A
Duty cycle<1%
Storage Time
Fall Time
SYMBOL
ton
tf
ts
MIN.
MAX.
TYPE
UNITS
-
-
uSec
uSec
uSec
0.1
-
-
1.0
-
-
0.1
Note :
1. Pulse test: tp
≤ 300uSec; δ ≤ 0.02.
2. hFE(1) Classification O: 70 to 140, Y: 120 to 240
IB1
IB2
-30V
OUTPUT
INPUT
20uSec
IB1
IB2


Similar Part No. - 2SA1020PT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1020 TOSHIBA-2SA1020 Datasheet
194Kb / 3P
   TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
logo
Unisonic Technologies
2SA1020 UTC-2SA1020 Datasheet
549Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
List of Unclassifed Man...
2SA1020 ETC-2SA1020 Datasheet
61Kb / 1P
   TO-92MOD Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1020 TOSHIBA-2SA1020 Datasheet
193Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
logo
Unisonic Technologies
2SA1020 UTC-2SA1020 Datasheet
170Kb / 4P
   PNP EPITAXIAL SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com