Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2412KPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # 2SC2412KPT
Description  General Purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2SC2412KPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  2SC2412KPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SC2412KPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SC2412KPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC2412KPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
General Purpose Transistor
VOLTAGE 50 Volts
CURRENT 0.15 Ampere
APPLICATION
FEATURE
* Surface mount package. (SOT-23)
* Low saturation voltage V
* Low cob. Cob=2.0pF(Typ.)
CONSTRUCTION
* NPN Silicon Transistor
* Epitaxial planner type
* Small Signal Amplifier .
2002-10
* PC= 200mW (mounted on ceramic substrate).
* High saturation current capability.
Note
1. Transistor mounted on ceramic substrate 50mmX50mmx0.8t.
2. Measured at Pulse Width 300 us, Duty Cycle 2%.
THERMAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
CHARACTERISTICS
CONDITION
SYMBOL
UNITS
357
oC / W
Thermal Resistance (Junction to Ambient)
Note 1
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
CONDITION
Collector - Base Voltage
Collector - Emitter Voltage
Emitter - Base Voltage
Open Emitter
Open Base
Open Collector
Collector Current DC
Peak Collector Current
Peak Base Current
Total Power Dissipation
TA
25OC; Note 1
Storage Temperature
Junction Temperature
Operating Ambient Temperature
SYMBOL
VCBO
VCEO
VEBO
IBM
R JA
TAMB
TJ
TSTG
ICM
IC
MIN.
MAX.
UNITS
-
60
Volts
Volts
Volts
mAmps
mAmps
mAmps
mW
oC
oC
oC
-
50
-
7
-
150
-
150
-
15
-
350
-55
+150
-
+150
-55
+150
VALUE
PTOT
1. Transistor mounted on an FR4 printed-circuit board 1.6"X1.6"X0.06".
2. Measured at Pulse Width 300 us, Duty Cycle 2%.
CIRCUIT
E
C
B
SOT-23
(1)
(2)
(3)
* HFE(Q):ND
* HFE(R):C4G-
MARKING
* HFE(S):GT
.103 (2.64)
.028 (0.70)
.020 (0.50)
.055 (1.40)
.047 (1.20)
.045 (1.15)
.033 (0.85)
.086 (2.20)
(1)
(2)
(3)
Dimensions in inches and (millimeters)
SOT-23


Similar Part No. - 2SC2412KPT

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC2412K ROHM-2SC2412K Datasheet
77Kb / 3P
   2SC4097 / 2SC1741S
2SC2412K ROHM-2SC2412K Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K Datasheet
248Kb / 5P
   NPN General Purpose Transistors
logo
Rohm
2SC2412K ROHM-2SC2412K Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SC2412K ROHM-2SC2412K Datasheet
89Kb / 4P
   General purpose transistor (50V, 0.15A)
More results

Similar Description - 2SC2412KPT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com