Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16VTWPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # BAS16VTWPT
Description  FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BAS16VTWPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  BAS16VTWPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BAS16VTWPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( BAS16VTWPT )
0
0
125
100
75
50
25
25
50
75
100
125
150
AMBIENT TEMPERATURE, (
oC)
0
1
2
5
10
20
50
100
200
500
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
FORWARD VOLTAGE, (V)
FIG. 2 - FORWARD CHARACTERISTICS
REVERSE VOLTAGE, (V)
FIG. 4 - REVERSE CHARACTERISTICS
100
1u
10u
10
0.1
1
20
10
30
40
80
70
60
50
0
0
0
4
2
2
4
6
8
10
12
14
16
f=1MHz
REVERSE VOLTAGE, (V)
18
20
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
75
oC
50
oC
Ta=100
oC
0
oC
25
oC
-
25
oC
0
0
10
9
8
7
6
5
4
3
2
1
10
9
8
7
6
5
4
3
2
1
VR=6V
FORWARD CURRENT, (mA)
FIG. 5 - REVERSE RECOVERY TIME
PULSE GENERATOR
OUTPUT 50
SAMPLING
OSCILLOSCOPE
50
0.01µF
D.U.T.
5
FIG. 6 - REVERSE RECOVERY TIME MEASUREMENT CIRCUIT
FIG. 1 - TYPICAL FORWARD CURRENT
DERAING CURVE
50
oC
Ta=85
oC
25
oC
-
30
oC
0
oC


Similar Part No. - BAS16VTWPT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16VTB6 PANJIT-BAS16VTB6 Datasheet
172Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS16VTB6 PANJIT-BAS16VTB6_16 Datasheet
181Kb / 5P
   SURFACE MOUNT SWITCHING DIODES
BAS16VTB6_R1_00001 PANJIT-BAS16VTB6_R1_00001 Datasheet
181Kb / 5P
   SURFACE MOUNT SWITCHING DIODES
BAS16VTB6_R2_00001 PANJIT-BAS16VTB6_R2_00001 Datasheet
181Kb / 5P
   SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - BAS16VTWPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BAW56DPT CHENMKO-BAW56DPT Datasheet
72Kb / 2P
   FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
BAS16DPT CHENMKO-BAS16DPT Datasheet
75Kb / 2P
   FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
BAV70DPT CHENMKO-BAV70DPT Datasheet
72Kb / 2P
   FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
BAV16BPT CHENMKO-BAV16BPT Datasheet
109Kb / 2P
   FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
logo
List of Unclassifed Man...
BAV99BDWPT ETC2-BAV99BDWPT Datasheet
69Kb / 2P
   FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 215 mAmpere
logo
Chenmko Enterprise Co. ...
BAV99BDWPT CHENMKO-BAV99BDWPT Datasheet
76Kb / 2P
   FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 215 mAmpere
BAV99DPT CHENMKO-BAV99DPT Datasheet
72Kb / 2P
   FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 215 mAmpere
BAV70BPT CHENMKO-BAV70BPT Datasheet
110Kb / 2P
   FAST SWITCHING DIODE VOLTAGE RANGE 100 Volts CURRENT 150 mAmpere
logo
Rectron Semiconductor
BAV16WS RECTRON-BAV16WS Datasheet
119Kb / 2P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
1N4148WS RECTRON-1N4148WS Datasheet
119Kb / 2P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com