Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NQ04033VMA15PRS Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # NQ04033VMA15PRS
Description  16Amp, wide ouput range, Non-Isolated DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04033VMA15PRS Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  NQ04033VMA15PRS Datasheet HTML 1Page - SynQor Worldwide Headquarters NQ04033VMA15PRS Datasheet HTML 2Page - SynQor Worldwide Headquarters NQ04033VMA15PRS Datasheet HTML 3Page - SynQor Worldwide Headquarters NQ04033VMA15PRS Datasheet HTML 4Page - SynQor Worldwide Headquarters NQ04033VMA15PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04033VMA15PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04033VMA15PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04033VMA15PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04033VMA15PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Product # NQ04T33VMA16
Phone 1-888-567-9596
Doc.# 005-2NV4T3E Rev. B
7/6/04
Page 5
Technical Specification
3.0 - 5.5Vin 16A
Non-Isolated
Non-Isolated
SIP Converter
SIP Converter
Parameter
Setpoint
Min.
Typ.
Max.
Units Notes & Conditions
OUTPUT CHARACTERISTICS
Output Voltage Set Point6 (50% load)
0.9V
0.884
0.900
0.917
V
see trim equation
1.0V
0.984
1.000
1.019
V
1.2V
1.181
1.200
1.221
V
1.5V
1.477
1.500
1.526
V
1.8V
1.773
1.800
1.831
V
2.5V
2.461
2.500
2.543
V
3.3V
3.242
3.300
3.358
V
Vin range 4.5V - 5.5V
Output Voltage Regulation
Over Line
All
+0.1
+0.2
%
Over Load
0.9V
+0.5
%
with sense pin
3.3V
+0.2
%
with sense pin
Over Temperature
All
+4.5
%
except +5.0% at less than 0.9V
Total Output Voltage Range
0.9V
0.859
0.940
V
with sense pin, over sample, line, load,
1.0V
0.957
1.044
V
temperature & life (all)
1.2V
1.150
1.250
V
1.5V
1.438
1.563
V
1.8V
1.727
1.875
V
2.5V
2.397
2.605
V
3.3V
3.152
3.444
V
Output Voltage Ripple & Noise (3.3Vin)
All
15\6
35\12
pk-pk\RMS; full load, 20MHz bandwidth;
Output Voltage Ripple & Noise (5.0Vin)
All
25\9
60\20
mV
Figs 26, 31-32
Operating Output Current Range
All
0
16
A
Output DC Over-Current Shutdown
3
All
17
25
40
A
Maximum Output Capacitance
2,4
All
4,000
µF
Derate startup load current per Fig. 25
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection (3.3Vin)
0.9V
51
dB
120 Hz; Figure 39
2.5V
37
dB
Input Voltage Ripple Rejection (5.0Vin)
0.9V
56
dB
120 Hz; Figure 40
3.3V
39
dB
Output Voltage during Load Current Transient
For a Step Change Iout=0.1A/µs (3.3Vin\5Vin)
All
90\70
mV
50%-75%-50%
Iout max, 10µF, Fig 15,17
For a Step Change Iout=3A/µs (3.3Vin\5Vin)
All
70\60
mV
50%-75%-50%
Iout max, 470µF, Fig 16,18
Settling Time (3.3Vin\5Vin)
All
140\40
µs
to within 1.5% Vout nom., Fig 15-18
Turn-On Transient
Load current & capacitance per Fig. 25
Turn-On Time
All
5.5
6.8
8.5
ms
Enable to Vout=100% nom., Figs 19-22
Start-Up Delay Time
0.9V
2.9
4.0
5.9
ms
Enable to 10%, Fig. 23
3.3V
1.5
2.5
4.3
ms
Start-Up Rise Time
0.9V
1.7
2.5
3.9
ms
10% to 90%, Fig. 24
3.3V
2.6
3.9
5.7
ms
Output Voltage Overshoot
All
0
%
Resistive load, up to 4,000 µF
EFFICIENCY
100% Load (3.3Vin\5Vin)
0.9V
84.5/83
%
Figures 1-4
1.0V
85.5/84.5
%
1.2V
87.5/86.5
%
1.5V
89.5/88.5
%
1.8V
91/90
%
2.5V
93.5/92.5
%
3.3V
94
%
ELECTRICAL CHARACTERISTICS (continued) - NQ04T33VMA16 Series


Similar Part No. - NQ04033VMA15PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04T33HKA10ORN SYNQOR-NQ04T33HKA10ORN Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10ORS SYNQOR-NQ04T33HKA10ORS Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10OVN SYNQOR-NQ04T33HKA10OVN Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10OVS SYNQOR-NQ04T33HKA10OVS Datasheet
798Kb / 18P
   SIP Single In-Line Package
NQ04T33HKA10PRN SYNQOR-NQ04T33HKA10PRN Datasheet
798Kb / 18P
   SIP Single In-Line Package
More results

Similar Description - NQ04033VMA15PRS

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
   Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
   NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com