Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ48020QGA25 Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # PQ48020QGA25
Description  25 Amp, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ48020QGA25 Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button PQ48020QGA25 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ48020QGA25 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ48020QGA25 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ48020QGA25 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ48020QGA25 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ48020QGA25 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ48020QGA25 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ48020QGA25 Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ48020QGA25 Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Product # PQ48020QGA25
Phone 1-888-567-9596
Doc.# 005-2QG420D Rev. D
8/16/02
Page 6
Performance Curves
48Vin 2.0Vout 25A
0
5
10
15
20
25
0
25
4055
7085
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Quarter
Quarter
Brick
Brick
Figure 7: Maximum output power-derating curves vs. ambient air tem-
perature for airflow rates of 0 LFM through 400 LFM with air flowing
lengthwise from output to input (nominal input voltage).
Figure 8: Thermal plot of converter at 23 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter
from output to input (nominal input voltage).
Figure 9: Turn-on transient at full load (resistive load) (2 ms/div).
Ch 1: Vout (1V/div)
Ch 2: ON/OFF input (5V/div)
Figure 10: Turn-on transient at zero load (2 ms/div).
Ch 1: Vout (1V/div)
Ch 2: ON/OFF input (5V/div)
Figure 11: Output voltage response to step-change in load current (50%-75%-50%
of Iout(max); dI/dt = 0.1A/µs). Load cap: 10µF, 100 m
ESR tantalum capacitor
and 1µF ceramic capacitor. Ch 1: Vout (100mV/div), Ch 2: Iout (5A/div).
Figure 12: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max): dI/dt = 5A/µs). Load cap: 470µF, 30 m
ESR tantalum
capacitor and 1µF ceramic cap. Ch 1: Vout (100mV/div), Ch 2: Iout (5A/div).
Semiconductor junction temperature is
within 1
°C of surface temperature


Similar Part No. - PQ48020QGA25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40NKF SYNQOR-PQ48020HGA40NKF Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40NKS SYNQOR-PQ48020HGA40NKS Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40NNF SYNQOR-PQ48020HGA40NNF Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40NNS SYNQOR-PQ48020HGA40NNS Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ48020QGA25

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025QGA25 SYNQOR-PQ60025QGA25 Datasheet
753Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015QGA25 SYNQOR-PQ48015QGA25 Datasheet
1Mb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033QGA25 SYNQOR-PQ60033QGA25 Datasheet
745Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48050HMA25 SYNQOR-PQ48050HMA25 Datasheet
788Kb / 14P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25 SYNQOR-PQ60018QGA25 Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ24018QGA25 SYNQOR-PQ24018QGA25 Datasheet
658Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com