Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ48050HMA25NRF Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ48050HMA25NRF
Description  25 Amp, No Heatsink, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ48050HMA25NRF Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ48050HMA25NRF Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ48050HMA25NRF Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ48050HMA25NRF Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ48050HMA25NRF Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ48050HMA25NRF Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ48050HMA25NRF Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ48050HMA25NRF Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ48050HMA25NRF Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ48050HMA25NRF Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
a release of a short-circuit condition, or 3) a release of a cur-
rent limit condition. Load capacitance determines exactly how
high the output voltage will rise in response to these conditions.
After 200 ms the converter will automatically restart.
Over-Temperature Shutdown: A temperature sensor on
the converter senses the average temperature of the module.
The thermal shutdown circuit is designed to turn the converter
off when the temperature at the sensed location reaches the
Over-Temperature Shutdown value. It will allow the converter to
turn on again when the temperature of the sensed location falls
by the amount of the Over-Temperature Shutdown Restart
Hysteresis value.
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur
because any DC/DC converter appears incrementally as a
negative resistance load. A detailed application note titled
“Input System Instability” is available on the SynQor web site
(www.synqor.com) which provides an understanding of why
this instability arises, and shows the preferred solution for cor-
recting it.
Application Circuits: Figure D below provides a typical cir-
cuit diagram which details the input filtering and voltage trim-
ming.
Input Filtering and External Capacitance: Figure E
below provides a diagram showing the internal input filter com-
ponents. This filter dramatically reduces input terminal ripple
current, which otherwise could exceed the rating of an external
electrolytic input capacitor. The recommended external input
capacitance is specified in the “Input Characterisitcs” section.
More detailed information is available in the application note
titled “EMI Characteristics” on the SynQor website.
Product # PQ48050HMA25
Phone 1-888-567-9596
Doc.# 005-2HM450B Rev. C
4/9/03
Page 11
Half
Half
Brick
Brick
Technical Specification
48Vin 5.0Vout 25A
Vin
External
Input
Filter
Trim
Vin(+)
Iload
Cload
C1
L
C2
Vout(+)
Rtrim-up
or
Rtrim-down
Vsense(+)
ON/OFF
Vin(_)
Vin(+)
Vin(_)
Vout(_)
Vsense(_)
Electrolytic
Capacitor
33µF
ESR
≅1Ω
Figure D: Typical application circuit (negative logic unit, permanently enabled).
Figure E: Internal Input Filter Diagram (component values listed on page 3).


Similar Part No. - PQ48050HMA25NRF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48050HKA20 SYNQOR-PQ48050HKA20 Datasheet
793Kb / 14P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ48050HKA20NKF SYNQOR-PQ48050HKA20NKF Datasheet
793Kb / 14P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ48050HKA20NKS SYNQOR-PQ48050HKA20NKS Datasheet
793Kb / 14P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ48050HKA20NNF SYNQOR-PQ48050HKA20NNF Datasheet
793Kb / 14P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ48050HKA20NNS SYNQOR-PQ48050HKA20NNS Datasheet
793Kb / 14P
   20 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ48050HMA25NRF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025QGA25 SYNQOR-PQ60025QGA25 Datasheet
753Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015QGA25 SYNQOR-PQ48015QGA25 Datasheet
1Mb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020QGA25 SYNQOR-PQ48020QGA25 Datasheet
739Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033QGA25 SYNQOR-PQ60033QGA25 Datasheet
745Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25 SYNQOR-PQ60018QGA25 Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ24018QGA25 SYNQOR-PQ24018QGA25 Datasheet
658Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com