Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ48120HGA12NNF Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # PQ48120HGA12NNF
Description  150 Watt, No Heatsink, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ48120HGA12NNF Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button PQ48120HGA12NNF Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ48120HGA12NNF Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ48120HGA12NNF Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ48120HGA12NNF Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ48120HGA12NNF Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ48120HGA12NNF Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ48120HGA12NNF Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ48120HGA12NNF Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ48120HGA12NNF Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Product # PQ48120HGA12
Phone 1-888-567-9596
Doc.# 005-2HG412C Rev. B
9/8/04
Page 6
Half
Half
Brick
Brick
Performance Curves
48Vin 12Vout 12.5A
0
1
2
3
4
5
6
7
8
9
10
11
12
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Figure 7: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 0 LFM through 400 LFM with air flowing
from input to output (nominal input voltage).
Figure 8: Thermal plot of converter at 10 amp load current (120W)
with 55°C air flowing at the rate of 200 LFM. Air is flowing across the
converter from input to output (nominal input voltage).
Figure 9: Turn-on transient at full load (resistive load) (10 ms/div).
Input voltage pre-applied. Top Trace: Vout (5V/div). Bottom Trace:
ON/OFF input (5V/div)
Figure 10: Turn-on transient at zero load (10 ms/div).
Top Trace: Vout (5V/div)
Bottom Trace: ON/OFF input (5V/div)
Figure 11: Output voltage response to step-change in load current (50%-75%-50%
of Iout(max); dI/dt = 0.1A/µs). Load cap: 15µF, 450 m
ESR tantalum capacitor
and 1µF ceramic capacitor. Top trace: Vout (500mV/div), Bottom trace: Iout (5A/div).
Figure 12: Output voltage response to step-change in load current (50%-75%-50%
of Iout(max): dI/dt = 5A/µs). Load cap: 480µF, 15 m
ESR tantalum capacitor and
1µF ceramic capacitor. Top trace: Vout (500mV/div), Bottom trace: Iout (5A/div).


Similar Part No. - PQ48120HGA12NNF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48150HGA10 SYNQOR-PQ48150HGA10 Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10NKF SYNQOR-PQ48150HGA10NKF Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10NKS SYNQOR-PQ48150HGA10NKS Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10NNF SYNQOR-PQ48150HGA10NNF Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HGA10NNS SYNQOR-PQ48150HGA10NNS Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ48120HGA12NNF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48150HGA10 SYNQOR-PQ48150HGA10 Datasheet
726Kb / 14P
   150 Watt, No Heatsink, Isolated DC/DC Converter
PQ48060QGA17 SYNQOR-PQ48060QGA17 Datasheet
768Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120QGA08 SYNQOR-PQ60120QGA08 Datasheet
1Mb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60050HPA45 SYNQOR-PQ60050HPA45 Datasheet
704Kb / 13P
   225 Watt, No Heatsink, Isolated DC/DC Converter
PQ60060QGA17 SYNQOR-PQ60060QGA17 Datasheet
770Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120HTA14 SYNQOR-PQ60120HTA14 Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150HTA11 SYNQOR-PQ48150HTA11 Datasheet
750Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ48150QGA07 SYNQOR-PQ48150QGA07 Datasheet
730Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ65180QGA06 SYNQOR-PQ65180QGA06 Datasheet
683Kb / 13P
   100 Watt, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com