Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ55530HEA08NNA Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ55530HEA08NNA
Description  Half-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ55530HEA08NNA Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ55530HEA08NNA Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ55530HEA08NNA Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ55530HEA08NNA Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ55530HEA08NNA Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ55530HEA08NNA Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ55530HEA08NNA Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ55530HEA08NNA Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ55530HEA08NNA Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ55530HEA08NNA Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Product # PQ55530HEB08
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HEB53P Rev. B
10/4/07
Page 10
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
38-55 V
38-55 V
53 V
53 V
7.6 A
7.6 A
Half-brick
Half-brick
BASIC OPERATION AND FEATURES
The PowerQor series converter uses a two-stage power conver-
sion topology. The first stage is a buck-converter that keeps the
output voltage constant over variations in line, load, and temper-
ature. The second stage uses a transformer to provide the func-
tions of input/output isolation and voltage step-down to achieve
the low output voltage required.
Both the first stage and the second stage switch at a fixed fre-
quency for predictable EMI performance. Rectification of the
transformer’s output is accomplished with synchronous rectifiers.
These devices, which are MOSFETs with a very low on-state resis-
tance, dissipate far less energy than Schottky diodes. This is the
primary reason that the PowerQor converter has such high effi-
ciency, even at very low output voltages and very high output cur-
rents.
The PowerQor series of half-brick and quarter-brick converters
uses the industry standard footprint and pin-out configuration.
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2, permits
the user to control when the converter is on or off. This input is
referenced to the return terminal of the input bus, Vin(-). There are
two versions of the converter that differ by the sense of the logic
used for the ON/OFF input.
In the positive logic version, the ON/OFF input is active high
(meaning that a high turns the converter on). In the negative logic
version, the ON/OFF signal is active low (meaning that a low
turns the converter on). Figure A details five possible circuits for
driving the ON/OFF pin.
REMOTE SENSE(+) (Pins 8 and 6): The SENSE(+) inputs cor-
rect for voltage drops along the conductors that connect the con-
verter’s output pins to the load.
Pin 8 should be connected to Vout(+) and Pin 6 should be con-
nected to Vout(-) at the point on the board where regulation is
desired. A remote connection at the load can adjust for a voltage
drop only as large as that specified in this datasheet, that is
[Vout(+) - Vout(-)] [Vsense(+) - Vsense(-)] <
Sense Range % x Vout
Pins 8 and 6 must be connected for proper regulation of the out-
put voltage. If these connections are not made, the converter will
deliver an output voltage that is slightly higher than its specified
value.
Note: the output over-voltage protection circuit senses the voltage
across the output (pins 9 and 5) to determine when it should trig-
ger, not the voltage across the converter’s sense leads (pins 8
and 6). Therefore, the resistive drop on the board should be
small enough so that output OVP does not trigger, even during
load transients.
Open Collector Enable Circuit
Figure A: Various circuits for driving the ON/OFF pin.
Remote Enable Circuit
Direct Logic Drive
Negative Logic
(Permanently Enabled)
Positive Logic
(Permanently Enabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
TTL/
CMOS
Vin(_
)
ON/OFF
Vin(_)
Vin(_
)


Similar Part No. - PQ55530HEA08NNA

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05NNS SYNQOR-PQ55540HTL05NNS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05NRS SYNQOR-PQ55540HTL05NRS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05PNS SYNQOR-PQ55540HTL05PNS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
PQ55540HTL05PRS SYNQOR-PQ55540HTL05PRS Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ55530HEA08NNA

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com