Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C6V8PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # BZX55C6V8PT
Description  SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 0.8V TO 200V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

BZX55C6V8PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  BZX55C6V8PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BZX55C6V8PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. BZX55C6V8PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. BZX55C6V8PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTIC ( BZX55C 0V8PT THRU BZX55C 200PT )
Nominal
Zener Voltage Range
Maximum Zener impedance
Maximum
Type
Maximum
Zener
Test
current
at
reverse leakage current temperature
coefficient
regulator
voltage
current
at
ZZT
at
at
at
IZT
at IZT
ZZK
IZK
IR
at VR
TA= 25
oC
Note 2
VZ (V)
IZT (mA)
VZ (V)
( )
( )
(mA)
(uA)
(V)
VZ
(%/
oC)
IZM (mA)
TYPE
-
175
145
135
125
115
105
95
90
85
80
70
64
58
53
47
43
40
36
32
29
27
24
21
20
18
16
14
13
12
11
10
9.2
8.5
7.8
7.0
6.4
-
-0.09~-0.06
-0.09~-0.06
-0.09~-0.06
-0.08~-0.05
-0.08~-0.05
-0.08~-0.05
-0.08~-0.05
-0.06~-0.03
-0.05~+0.02
-0.02~+0.02
-0.05~+0.05
0.03~0.06
0.03~0.07
0.03~0.07
0.03~0.08
0.03~0.09
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
-
1
1
1
1
1
1
1
1
1
1
1
2
3
5
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
-
100
50
10
4
2
2
2
1
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
IR
(2)
(uA)
-
200
100
50
40
40
40
40
20
10
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
5
5
5
10
10
10
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
0.5
0.5
0.5
0.5
0.5
0.5
50
600
600
600
600
600
600
600
600
600
550
450
200
150
50
50
50
70
70
90
110
110
170
170
220
220
220
220
220
220
220
500
500
600
700
700
1000
8
85
85
85
85
85
85
85
75
60
35
25
10
8
7
7
10
15
20
20
26
30
40
50
55
55
80
80
80
80
80
90
90
110
125
135
150
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2.5
2.5
2.5
2.5
2.5
2.5
0.73 ~ 0.83
1.9 ~ 2.1
2.28 ~ 2.56
0.8
2.0
2.4
2.5 ~ 2.9
2.8 ~ 3.2
3.1 ~ 3.5
3.4 ~ 3.8
3.7 ~ 4.1
4.0 ~ 4.6
4.4 ~ 5.0
4.8 ~ 5.4
5.2 ~ 6.0
6.4 ~ 7.2
5.8 ~ 6.6
7.0 ~ 7.9
7.7 ~ 8.7
8.5 ~ 9.6
9.4 ~ 10.6
10.4 ~ 11.6
11.4 ~ 12.7
12.4 ~ 14.1
13.8 ~ 15.6
15.3 ~ 17.1
16.8 ~ 19.1
18.8 ~ 21.2
20.8 ~ 23.3
22.8 ~ 25.6
25.1 ~ 28.9
28 ~ 32
31 ~ 35
34 ~ 38
37 ~ 41
40 ~ 46
44 ~ 50
48 ~ 54
52 ~ 60
58 ~ 66
2.7
3.0
3.3
3.6
3.9
4.3
4.7
3.6
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
BZX55C 0V8PT
BZX55C 2V0PT
BZX55C 2V4PT
BZX55C 2V7PT
BZX55C 3V0PT
BZX55C 3V6PT
BZX55C 3V3PT
BZX55C 3V9PT
BZX55C 4V3PT
BZX55C 4V7PT
BZX55C 5V1PT
BZX55C 5V6PT
BZX55C 6V2PT
BZX55C 6V8PT
BZX55C 7V5PT
BZX55C 8V2PT
BZX55C 9V1PT
BZX55C 10PT
BZX55C 11PT
BZX55C 12PT
BZX55C 13PT
BZX55C 15PT
BZX55C 16PT
BZX55C 18PT
BZX55C 20PT
BZX55C 22PT
BZX55C 24PT
BZX55C 27PT
BZX55C 30PT
BZX55C 33PT
BZX55C 36PT
BZX55C 39PT
BZX55C 43PT
BZX55C 47PT
BZX55C 51PT
BZX55C 56PT
BZX55C 62PT
Zener Voltage


Similar Part No. - BZX55C6V8PT

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BZX55C6V8 CDIL-BZX55C6V8 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C6V8 VISHAY-BZX55C6V8 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
BZX55C6V8 VISHAY-BZX55C6V8 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Zibo Seno Electronic En...
BZX55C6V8 ZSELEC-BZX55C6V8 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Shenzhen Luguang Electr...
BZX55C6V8 LUGUANG-BZX55C6V8 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX55C6V8PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
1N5221PT CHENMKO-1N5221PT Datasheet
132Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 200V
BZX85C2V7PT CHENMKO-BZX85C2V7PT Datasheet
139Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.7V TO 200V
BZX79C2V7PT CHENMKO-BZX79C2V7PT Datasheet
125Kb / 3P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V
1N4728PT CHENMKO-1N4728PT Datasheet
122Kb / 3P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 3.3V TO 100V
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com