Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # 1N4148PT
Description  SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

1N4148PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  1N4148PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 1N4148PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4148PT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SWITCHING DIODE
VOLTAGE 75 Volts
CURRENT 0.15 Ampere
APPLICATION
FEATURE
* Small surface mounting type. (DO-35)
* High speed. (TRR=4.0nSec Typ.)
* Suitable for high packing density.
CONSTRUCTION
CIRCUIT
* Silicon epitaxial planar
* Ultra high speed switching
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
Maximum Average Reverse Current
CHARACTERISTICS
SYMBOL
UNITS
uAmps
Volts
Maximum Instantaneous Forward Voltage at IF= 10 mA
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Non-Repetitive Peak Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Repetitive Peak Reverse Voltage
Maximum DC Blocking VoltageMaximum RMS Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current at 1uSec.
Typical Junction Capacitance between Terminal (Note 1)
Maximum Operating and Storage Temperaturd Range
Maximum Thermal Resistance (Note 4)
SYMBOL
VRM
VRWM
VR
VRRM
VDC
IO
CJ
VF
IR
TJ,TSTG
IFSM
1N4148PT
1N4148PT
UNITS
100
Volts
Volts
Volts
Amps
75
53
0.15
4.0
350
-65 to +175
Amps
pF
Maximum Reverse Recovery Time (Note 2)
trr
4.0
nSec
oC/W
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 0 volts.
2. Measured at applied froward current of 10 mA, reverse current of 1.0 mA, Reverse voltage of 6.0 volts and RL= 100 ohms.
3. ESD sensitive product handling required.
4. Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
* Maximum total power disspation is 500mW.
* Peak forward current is 500mA.
DO-35
DO-35
MAX.
.165 (4.2)
1.02 (26.0)
MIN.
1.02 (26.0)
MIN.
.079 (2.0)
MAX.
DIA.
.022 (0.56)
.018 (0.46)
DIA.
Dimensions in inches and (millimeters)
@1Sec
@1.0uSec
VR= 75V @TJ=25
oC
VR= 20V @TJ=25
oC
VR= 20V @TJ=150
oC
VR= 70V @TJ=150
oC
25
5.0
30
50
1.0
1.0
2.0
R JA


Similar Part No. - 1N4148PT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4148P VISHAY-1N4148P Datasheet
86Kb / 2P
   Small Signal Fast Switching Diodes
Rev. 1.2, 06-Jul-17
logo
NXP Semiconductors
1N4148PH NXP-1N4148PH Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
More results

Similar Description - 1N4148PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BD4148N1APT CHENMKO-BD4148N1APT Datasheet
91Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BAV70TPT CHENMKO-BAV70TPT Datasheet
71Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BAV70N1PT CHENMKO-BAV70N1PT Datasheet
84Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BAV70WPT CHENMKO-BAV70WPT Datasheet
86Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148FPT CHENMKO-BD4148FPT Datasheet
100Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148SPT CHENMKO-BD4148SPT Datasheet
93Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148N1PT CHENMKO-BD4148N1PT Datasheet
89Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148APT CHENMKO-BD4148APT Datasheet
91Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BAV70PT CHENMKO-BAV70PT Datasheet
78Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
BD4148CPT CHENMKO-BD4148CPT Datasheet
90Kb / 2P
   SWITCHING DIODE VOLTAGE 75 Volts CURRENT 0.15 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com