Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7115-15SEG-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7115-15SEG-7
Description  150mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7115-15SEG-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7115-15SEG-7 Datasheet HTML 1Page - Diodes Incorporated AP7115-15SEG-7 Datasheet HTML 2Page - Diodes Incorporated AP7115-15SEG-7 Datasheet HTML 3Page - Diodes Incorporated AP7115-15SEG-7 Datasheet HTML 4Page - Diodes Incorporated AP7115-15SEG-7 Datasheet HTML 5Page - Diodes Incorporated AP7115-15SEG-7 Datasheet HTML 6Page - Diodes Incorporated AP7115-15SEG-7 Datasheet HTML 7Page - Diodes Incorporated AP7115-15SEG-7 Datasheet HTML 8Page - Diodes Incorporated AP7115-15SEG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP7115
150mA LOW DROPOUT LINEAR REGULATOR WITH
SHUTDOWN
AP7115 Rev. 10
4 of 11
MAY 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(VCC = 3.3V, IL = 30mA, CIN = 1μF, COUT = 1μF, TA = 25
oC)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
System Supply Input
VIN
Operating input voltage
IL = 0 ~ 150mA
2.5
5.5
V
ΔV
OUT/VOUT
Output Voltage Accuracy
VIN = VOUT + 1V where
1mA
≤ I
OUT ≤ 50mA
-2
2
%
VDO
Dropout Voltage
IL = 150mA
200
300
mV
IOUT
Output Current
VIN - VOUT = 1V
150
mA
IQ
Quiescent Current
VIN = VOUT + 1V where
IOUT = 0 and VCE = VIN
50
80
µA
Ishutdown
Shutdown Current
VIN = VOUT + 1V where
IOUT = 0 and VCE = 0
0.1
1
µA
PSRR
Power Supply Rejection Ratio
IOUT = 30mA, f = 1kHz
70
dB
Ilimit
Current Limit
200
250
mA
Thermal Management
Tshutdown
Thermal Shutdown
150
oC
Reference Voltage
ΔV
REF/ΔT
Tempco of Bandgap Reference
30
50
ppm/
oC
ΔV
OUT/ΔT
Tempco of Output Voltage
IOUT = 30mA, -40℃ ≤ T ≤ 85℃
50
100
ppm/
oC
Control and Protection
VIH,CE
2.0
V
VIL,CE
0.7
V
ICE
CE Pin Leakage Current
VCE = VIN @VIN = 5.0V and VSS = 0V
0.01
0.1
µA
VCE = VSS @VIN = 5.0V and VSS = 0V
0.01
0.1
µA
Regulation
ΔV
O/ΔVIN
Line Regulation
VOUT + 0.5V ≤ VIN ≤ 5.5V where
VOUT >2.0V, IOUT = 30mA
0.02
0.1
%/V
ΔV
LOAD
Load Regulation
1mA
≤ I
L ≤ 150mA where
VIN = VOUT + 1V
0.003
0.006
%/mA
Noise
en
Output Noise
BW = 10Hz ~ 100kHz
50
µV
rms
Thermal Resistance
θJA
Thermal Resistance
Junction-to-Ambient
SOT25 (Note 3)
-
200
-
oC/W
SOT353 (Note 3)
337
oC/W
θJC
Thermal Resistance
Junction-to-Case
SOT25 (Note 3)
-
52
-
oC/W
SOT353 (Note 3)
121
oC/W
Notes:
3. Test condition for SOT25 and SOT353: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.


Similar Part No. - AP7115-15SEG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7165 DIODES-AP7165 Datasheet
306Kb / 11P
   600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
AP7165 DIODES-AP7165 Datasheet
602Kb / 14P
   600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
AP7165-FN DIODES-AP7165-FN Datasheet
306Kb / 11P
   600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
AP7165-FNG-7 DIODES-AP7165-FNG-7 Datasheet
306Kb / 11P
   600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
AP7165-FNG-7 DIODES-AP7165-FNG-7 Datasheet
602Kb / 14P
   600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
More results

Similar Description - AP7115-15SEG-7

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733_15 Datasheet
349Kb / 13P
   500mA, Low Dropout Linear Regulator with Shutdown
logo
Fitipower Integrated Te...
FP6134 FITIPOWER-FP6134 Datasheet
444Kb / 8P
   600mA Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com