Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7115-33SEG-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7115-33SEG-7
Description  150mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7115-33SEG-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7115-33SEG-7 Datasheet HTML 1Page - Diodes Incorporated AP7115-33SEG-7 Datasheet HTML 2Page - Diodes Incorporated AP7115-33SEG-7 Datasheet HTML 3Page - Diodes Incorporated AP7115-33SEG-7 Datasheet HTML 4Page - Diodes Incorporated AP7115-33SEG-7 Datasheet HTML 5Page - Diodes Incorporated AP7115-33SEG-7 Datasheet HTML 6Page - Diodes Incorporated AP7115-33SEG-7 Datasheet HTML 7Page - Diodes Incorporated AP7115-33SEG-7 Datasheet HTML 8Page - Diodes Incorporated AP7115-33SEG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP7115
150mA LOW DROPOUT LINEAR REGULATOR WITH
SHUTDOWN
AP7115 Rev. 10
5 of 11
MAY 2009
www.diodes.com
© Diodes Incorporated
Typical Operating Characteristics
Quiescent current vs. Vcc
( VIN=2.5~5.5V, IOUT=0mA )
20
30
40
50
60
70
80
2.5V
3.0V
3.5V
4.0V
4.5V
5.0V
5.5V
Vcc
`
Quiescent current vs. Temperature
( VIN=5V, IOUT=0mA )
20
30
40
50
60
70
80
-40℃
-20℃
0℃
25℃
50℃
85℃
Tem perature
Current limit vs. Temperature
( VIN=2.5V, VOUT=1.0V )
150
170
190
210
230
250
270
-40℃
-20℃
0℃
25℃
50℃
85℃
Tem perature
Current limit vs. Temperature
( VIN=5V, VOUT=1.0V )
150
170
190
210
230
250
270
290
310
330
-40℃
-20℃
0℃
25℃
50℃
85℃
Tem perature
Iout vs. Dropout voltage
( TA=25℃ )
0
50
100
150
200
250
0mA
20mA
40mA
60mA
80mA 100mA 120mA 150mA
Iout
Current limit vs. Input voltage
( TA=25℃ )
120
170
220
270
320
370
2.5V
3.0V
3.5V
4.0V
4.5V
5.0V
5.5V
Input voltage


Similar Part No. - AP7115-33SEG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7165 DIODES-AP7165 Datasheet
306Kb / 11P
   600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
AP7165 DIODES-AP7165 Datasheet
602Kb / 14P
   600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
AP7165-FN DIODES-AP7165-FN Datasheet
306Kb / 11P
   600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
AP7165-FNG-7 DIODES-AP7165-FNG-7 Datasheet
306Kb / 11P
   600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
AP7165-FNG-7 DIODES-AP7165-FNG-7 Datasheet
602Kb / 14P
   600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
More results

Similar Description - AP7115-33SEG-7

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733_15 Datasheet
349Kb / 13P
   500mA, Low Dropout Linear Regulator with Shutdown
logo
Fitipower Integrated Te...
FP6134 FITIPOWER-FP6134 Datasheet
444Kb / 8P
   600mA Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com