Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60015EML15NKS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ60015EML15NKS
Description  15 Amp, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015EML15NKS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ60015EML15NKS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015EML15NKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015EML15NKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015EML15NKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015EML15NKS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60015EML15NKS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60015EML15NKS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60015EML15NKS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60015EML15NKS Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Product # PQ60015EML15
Phone 1-888-567-9596
Doc.# 005-2EM651E Rev. B
9/3/03
Page 11
Technical Specification
48Vin 1.5Vout 15A
Eighth
Eighth
Brick
Brick
Over-Temperature Shutdown value. It will allow the converter to
turn on again when the temperature of the sensed location falls
by the amount of the Over-Temperature Shutdown Restart
Hysteresis value.
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur
because any DC/DC converter appears incrementally as a
negative resistance load. A detailed application note titled
“Input System Instability” is available on the SynQor web site
(www.synqor.com) which provides an understanding of why
this instability arises, and shows the preferred solution for cor-
recting it.
Application Circuits: Figure D below provides a typical cir-
cuit diagram which details the input filtering and voltage trim-
ming.
Input Filtering and External Capacitance: Figure E
below provides a diagram showing the internal input filter com-
ponents. This filter dramatically reduces input terminal ripple
current, which otherwise could exceed the rating of an external
electrolytic input capacitor. The recommended external input
capacitance is specified in the “Input Characterisitcs” section.
More detailed information is available in the application note
titled “EMI Characteristics” on the SynQor website.
Vin
External
Input
Filter
Trim
Vin(+)
Iload
Cload
L
C
Vout(+)
Rtrim-up
or
Rtrim-down
Vsense(+)
ON/OFF
Vin(_)
Vin(+)
Vin(_)
Vout(_)
Vsense(_)
Electrolytic
Capacitor
33µF
ESR
≅1Ω
Figure D: Typical application circuit (negative logic unit, permanently enabled).
Figure E: Internal Input Filter Diagram (component values listed on page 3).


Similar Part No. - PQ60015EML15NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015EMw15xyz SYNQOR-PQ60015EMw15xyz Datasheet
616Kb / 13P
   Active back bias limit prevents damage to converter from external load induced pre-bias
PQ60015EMW15XYZ SYNQOR-PQ60015EMW15XYZ Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results

Similar Description - PQ60015EML15NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QML15 SYNQOR-PQ60050QML15 Datasheet
686Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025QML15 SYNQOR-PQ60025QML15 Datasheet
722Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018EML15 SYNQOR-PQ60018EML15 Datasheet
789Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033QML15 SYNQOR-PQ60033QML15 Datasheet
733Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QML15 SYNQOR-PQ60018QML15 Datasheet
654Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HMA30 SYNQOR-PQ48025HMA30 Datasheet
785Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com