Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60015EML15PNS Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ60015EML15PNS
Description  15 Amp, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015EML15PNS Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ60015EML15PNS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60015EML15PNS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60015EML15PNS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60015EML15PNS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60015EML15PNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015EML15PNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015EML15PNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015EML15PNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015EML15PNS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Product # PQ60015EML15
Phone 1-888-567-9596
Doc.# 005-2EM651E Rev. B
9/3/03
Page 3
Technical Specification
48Vin 1.5Vout 15A
Eighth
Eighth
Brick
Brick
Parameter
Min.
Typ.
Max.
Units
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
continuous
Operating
80
V
continuous
Operating Transient Protection
100
V
100ms transient
Isolation Voltage (input to output)
2000
V
Basic level, Pollution Degree 2
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
35
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
31.5
33.3
34.4
V
Turn-Off Voltage Threshold
29.5
31.0
32.4
V
Lockout Hysteresis Voltage
2.2
2.3
2.4
V
Maximum Input Current
0.9
A
100% Load, 35 Vin
No-Load Input Current
25
mA
Disabled Input Current
2
5
mA
Inrush Current Transient Rating
0.01
A2s
Response to Input Transient
50
mV
1000V/ms input transient
Input Reflected-Ripple Current
3
mA
RMS thru 10µH inductor; Figs. 13 & 15
Recommended Input Fuse
10
A
fast blow external fuse recommended
Input Filter Component Values (C\L)
1.0\4.7
µF\µH
internal values, see Figure E
Recommended External Input Capacitance
33
47
µF
see Figure 13
OUTPUT CHARACTERISTICS
Output Voltage Set Point
1.485
1.50
1.515
V
Output Voltage Regulation
Over Line
+0.05 \ 2
+0.1 \ 5
%\mV
Over Load
+0.1 \ 2
+0.2 \ 5
%\mV
Over Temperature
+6
+20
mV
Total Output Voltage Range
1.45
1.55
V
over sample, line, load, temperature & life
Output Voltage Ripple and Noise
20MHz bandwidth; Fig. 13 & 16
Peak-to-Peak
70
130
mV
Full Load, see Figures 13 & 16
RMS
15
25
mV
Full Load, see Figures 13 & 16
Operating Output Current Range
0
15
A
Output DC Current-Limit Inception
17.5
A
Output Voltage 10% Low; Fig. 17
Output DC Current-Limit Shutdown Voltage
0.9
V
Back-Drive Current Limit while Enabled
0.45
A
Negative current drawn from output
Back-Drive Current Limit while Disabled
10
50
mA
Negative current drawn from output
Maximum Output Capacitance
45,000
µF
1.5Vout at 15A Resistive Load
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
80
dB
120 Hz; Fig. 20
Output Voltage during Load Current Transient
Step Change in Output Current (0.1A/µs)
50
mV
50% to 75% to 50% Iout max; Figure 11
Step Change in Output Current (5A/µs)
80
mV
50% to 75% to 50% Iout max; Figure 12
Settling Time
300
µs
to within 1% Vout nom
Turn-On Transient
Turn-On Time
14
18
ms
Full load, Vout=90% nom.; Figs. 9 & 10
Start-Up Inhibit Time
180
200
240
ms
-40°C to +125°C; Figure F
Output Voltage Overshoot
0
%
45,000 µF load capacitance, Iout = 0A
EFFICIENCY
100% Load
85.5
%
Figures 1 - 4
50% Load
85.5
%
Figures 1 - 4
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
See Figures 5 - 8 for derating curves
ISOLATION CHARACTERISTICS
Isolation Voltage
2000
V
Isolation Resistance
30
M
Isolation Capacitance
470
pF
PQ60015EML15 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient
temperature with appropriate power derating. Specifications subject to change without notice.


Similar Part No. - PQ60015EML15PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015EMw15xyz SYNQOR-PQ60015EMw15xyz Datasheet
616Kb / 13P
   Active back bias limit prevents damage to converter from external load induced pre-bias
PQ60015EMW15XYZ SYNQOR-PQ60015EMW15XYZ Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results

Similar Description - PQ60015EML15PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QML15 SYNQOR-PQ60050QML15 Datasheet
686Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025QML15 SYNQOR-PQ60025QML15 Datasheet
722Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018EML15 SYNQOR-PQ60018EML15 Datasheet
789Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033QML15 SYNQOR-PQ60033QML15 Datasheet
733Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QML15 SYNQOR-PQ60018QML15 Datasheet
654Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HMA30 SYNQOR-PQ48025HMA30 Datasheet
785Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com