Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60015HTA60PKS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ60015HTA60PKS
Description  60 Amp, No Heatsink, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015HTA60PKS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ60015HTA60PKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015HTA60PKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015HTA60PKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015HTA60PKS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60015HTA60PKS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60015HTA60PKS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60015HTA60PKS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60015HTA60PKS Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60015HTA60PKS Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
a release of a short-circuit condition, or 3) a release of a cur-
rent limit condition. Load capacitance determines exactly how
high the output voltage will rise in response to these conditions.
After 200 ms the converter will automatically restart.
Over-Temperature Shutdown: A temperature sensor on
the converter senses the average temperature of the module.
The thermal shutdown circuit is designed to turn the converter
off when the temperature at the sensed location reaches the
Over-Temperature Shutdown value. It will allow the converter to
turn on again when the temperature of the sensed location falls
by the amount of the Over-Temperature Shutdown Restart
Hysteresis value.
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur
because any DC/DC converter appears incrementally as a
negative resistance load. A detailed application note titled
“Input System Instability” is available on the SynQor web site
(www.synqor.com) which provides an understanding of why
this instability arises, and shows the preferred solution for
correcting it.
Application Circuits: Figure D below provides a typical cir-
cuit diagram which details the input filtering and voltage trim-
ming.
Input Filtering and External Capacitance: Figure E
below provides a diagram showing the internal input filter
components. This filter dramatically reduces input terminal rip-
ple current, which otherwise could exceed the rating of an
external electrolytic input capacitor. The recommended exter-
nal input capacitance is specified in the “Input Characterisitcs”
section. More detailed information is available in the applica-
tion note titled “EMI Characteristics” on the SynQor website.
Product # PQ60015HTA60
Phone 1-888-567-9596
Doc.# 005-2HT461F Rev. D
11/21/02
Page 11
Half
Half
Brick
Brick
Technical Specification
48Vin 1.5Vout 60A
Vin
External
Input
Filter
Trim
Vin(+)
Iload
Cload
C1
L
C2
Vout(+)
Rtrim-up
or
Rtrim-down
Vsense(+)
ON/OFF
Vin(_)
Vin(+)
Vin(_)
Vout(_)
Vsense(_)
Electrolytic
Capacitor
33µF
ESR
≅1Ω
Figure D: Typical application circuit (negative logic unit, permanently enabled).
Figure E: Internal Input Filter Diagram (component values listed on page 3).


Similar Part No. - PQ60015HTA60PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015HPAA0 SYNQOR-PQ60015HPAA0 Datasheet
1Mb / 13P
   Half-brick DC/DC Converter
PQ60015HPAA0NKF-G SYNQOR-PQ60015HPAA0NKF-G Datasheet
1Mb / 13P
   Half-brick DC/DC Converter
PQ60015HPAA0NKS-G SYNQOR-PQ60015HPAA0NKS-G Datasheet
1Mb / 13P
   Half-brick DC/DC Converter
PQ60015HPAA0NNF-G SYNQOR-PQ60015HPAA0NNF-G Datasheet
1Mb / 13P
   Half-brick DC/DC Converter
PQ60015HPAA0NNS-G SYNQOR-PQ60015HPAA0NNS-G Datasheet
1Mb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60015HTA60PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48025HTA60 SYNQOR-PQ48025HTA60 Datasheet
805Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015HTA60 SYNQOR-PQ48015HTA60 Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HTA60 SYNQOR-PQ48018HTA60 Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60012HTA60 SYNQOR-PQ60012HTA60 Datasheet
731Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HTA60 SYNQOR-PQ48020HTA60 Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HMA30 SYNQOR-PQ48025HMA30 Datasheet
785Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com