Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60015HTA60NKS Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ60015HTA60NKS
Description  60 Amp, No Heatsink, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015HTA60NKS Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ60015HTA60NKS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60015HTA60NKS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60015HTA60NKS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60015HTA60NKS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60015HTA60NKS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015HTA60NKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015HTA60NKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015HTA60NKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015HTA60NKS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
60
65
70
75
80
85
90
95
100
0
6
12
18
24
30
36
42
48
54
60
Load Current (A)
36 Vin
48 Vin
75 Vin
Product # PQ60015HTA60
Phone 1-888-567-9596
Doc.# 005-2HT651F Rev. D
11/21/02
Page 5
82
83
84
85
86
87
88
89
90
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 2: Efficiency at nominal output voltage and 60% rated power vs.
airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C
(nominal input voltage).
0
2
4
6
8
10
12
14
16
18
20
22
24
0
6
12
18
24
30
36
42
48
54
60
Load Current (A)
36 Vin
48 Vin
75 Vin
Figure 3: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 4: Power dissipation at nominal output voltage and 60% rated
power vs. airflow rate for ambient air temperatures of 25°C, 40°C, and
55°C (nominal input voltage).
0
10
20
30
40
50
60
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Figure 5: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 0 LFM through 400 LFM with air flowing
from output to input (nominal input voltage).
Figure 6: Thermal plot of converter at 58 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter
from output to input (nominal input voltage).
Half
Half
Brick
Brick
Performance Curves
48Vin 1.5Vout 60A
Figure 1: Efficiency at nominal output voltage vs. load current for min-
imum, nominal, and maximum input voltage at 25°C.


Similar Part No. - PQ60015HTA60NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015HPAA0 SYNQOR-PQ60015HPAA0 Datasheet
1Mb / 13P
   Half-brick DC/DC Converter
PQ60015HPAA0NKF-G SYNQOR-PQ60015HPAA0NKF-G Datasheet
1Mb / 13P
   Half-brick DC/DC Converter
PQ60015HPAA0NKS-G SYNQOR-PQ60015HPAA0NKS-G Datasheet
1Mb / 13P
   Half-brick DC/DC Converter
PQ60015HPAA0NNF-G SYNQOR-PQ60015HPAA0NNF-G Datasheet
1Mb / 13P
   Half-brick DC/DC Converter
PQ60015HPAA0NNS-G SYNQOR-PQ60015HPAA0NNS-G Datasheet
1Mb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60015HTA60NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48025HTA60 SYNQOR-PQ48025HTA60 Datasheet
805Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015HTA60 SYNQOR-PQ48015HTA60 Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HTA60 SYNQOR-PQ48018HTA60 Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60012HTA60 SYNQOR-PQ60012HTA60 Datasheet
731Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HTA60 SYNQOR-PQ48020HTA60 Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HMA30 SYNQOR-PQ48025HMA30 Datasheet
785Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com