Electronic Components Datasheet Search |
|
PQ60015HPAA0PRS-G Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters |
|
PQ60015HPAA0PRS-G Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters |
6 / 13 page Input: Output: Current: Package: 35-75 V 1.5 V 100 A Half-brick Technical Specification 0 10 20 30 40 50 60 70 80 90 100 0 25 40 55 70 85 Ambient Air Temperature (oC) 400 LFM (2.0 m/s) 300 LFM (1.5 m/s) 200 LFM (1.0 m/s) 100 LFM (0.5 m/s) 0 LFM (0 m/s) Figure 7: Maximum output power derating curves vs. ambient air tem- perature for airflow rates of 0 LFM through 400 LFM with air flowing from output to input (nominal input voltage). Figure 8: Thermal plot of converter at 82 amp load current with 55°C air flowing at the rate of 200 LFM. Air is flowing across the converter from output to input (nominal input voltage). Figure 9: Turn-on transient at full load (resistive load) (10 ms/div). Input voltage pre-applied. Top Trace: Vout (500mV/div). Bottom Trace: ON/OFF input (5V/div) Figure 10: Turn-on transient at zero load (10 ms/div). Top Trace: Vout (500mV/div) Bottom Trace: ON/OFF input (5V/div) Figure 11: Output voltage response to step-change in load current (50%-75%-50% of Iout(max); dI/dt = 0.1A/µs). Load cap: 15µF, 450 m W ESR tantalum capacitor and 1µF ceramic capacitor. Top trace: Vout (200mV/div), Bottom trace: Iout (50A/div). Figure 12: Output voltage response to step-change in load current (50%-75%-50% of Iout(max): dI/dt = 5A/µs). Load cap: 480µF, 15 m W ESR tantalum capacitor and 1µF ceramic capacitor. Top trace: Vout (200mV/div), Bottom trace: Iout (50A/div). Product # PQ60015HPAA0 Phone 1-888-567-9596 www.synqor.com Doc.# 005-2HP651K Rev. D 05\20\09 Page 6 |
Similar Part No. - PQ60015HPAA0PRS-G |
|
Similar Description - PQ60015HPAA0PRS-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |