Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ48015QGA25PYS Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # PQ48015QGA25PYS
Description  25 Amp, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ48015QGA25PYS Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  PQ48015QGA25PYS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ48015QGA25PYS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ48015QGA25PYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ48015QGA25PYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ48015QGA25PYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ48015QGA25PYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ48015QGA25PYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ48015QGA25PYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ48015QGA25PYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Product # PQ60015QGA25
Phone 1-888-567-9596
Doc.# 005-2QG651D Rev. A
12/19/02
Page 4
Technical Specification
48Vin 1.5Vout 25A
Quarter
Quarter
Brick
Brick
Parameter P
Min.
Typ.
Max.
Units
Notes & Conditions
FEATURE CHARACTERISTICS
Switching Frequency
190
210
230
kHz
ON/OFF Control (Option P)
Off-State Voltage
-2
0.8
V
On-State Voltage
2.4
18
V
ON/OFF Control (Option N)
Off-State Voltage
2.4
18
V
On-State Voltage
-2
0.8
V
ON/OFF Control (Either Option)
Figures A, B
Pull-Up Voltage
Vin/6.5
9.2
V
Pull-Up Resistance
40
k
Output Voltage Trim Range
-20
+10
%
Measured across Pins 8 & 4; Figure C
Output Voltage Remote Sense Range
+10
%
Measured across Pins 8 & 4
Output Over-Voltage Protection
124
129
134
%
Over full temp range; % of nominal Vout
Over-Temperature Shutdown
125
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
RELIABILITY CHARACTERISTICS
Calculated MTBF
2.8
106 Hrs. Telcordia TR-NWT-000332; 80% load,300LFM, 40oC Ta
Calculated MTBF
1.8
106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40oC Ta
Demonstrated MTBF
TBD
106 Hrs. Field demonstrated MTBF
STANDARDS COMPLIANCE
Parameter P
Notes
STANDARDS COMPLIANCE
UL/cUL 60950
File # E194341, Basic insulation & pollution degree 2
EN60950
Certified by TUV
72/23/EEC
93/68/EEC
Needle Flame Test (IEC 695-2-2)
test on entire assembly; board & plastic components UL94V-0 compliant
IEC 61000-4-2
ESD test, 8kV - NP, 15kV air - NP
GR-1089-CORE
Section 7 - electrical safety, Section 9 - bonding/grounding
Telcordia (Bellcore) GR-513
• An external input fuse must always be used to meet these safety requirements
QUALIFICATION TESTING
Parameter P
# Units
Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55Hz sweep, 0.060” total excursion,1 min./sweep, 120 sweeps for 3 axis
Mechanical Shock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40°C to 100°C, unit temp. ramp 15°C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5
Tmin-10°C to Tmax+10°C, 5°C steps, Vin = min to max, 0-105% load
Humidity
5
85°C, 85% RH, 1000 hours, 2 minutes on and 6 hours off
Solderability
15 pins
MIL-STD-883, method 2003
Extensive characterization testing of all SynQor products and manufacturing processes is performed to ensure that we supply
robust, reliable product. Contact factory for more information about Proof of Design and Proof of Manufacturing processes.
ELECTRICAL CHARACTERISTICS (Continued)
OPTIONS
SynQor provides various options for Logic Sense, Pin Length and
Feature Set for this family of DC/DC converters. Please consult the
last page of this specification sheet for information on available
options.
PATENTS
SynQor is protected under various patents, including but not lim-
ited to U.S. Patent # 5,999,417.


Similar Part No. - PQ48015QGA25PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48015QGA25PYS SYNQOR-PQ48015QGA25PYS Datasheet
1Mb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ48015QGA25PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60025QGA25 SYNQOR-PQ60025QGA25 Datasheet
753Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015QGA25 SYNQOR-PQ48015QGA25 Datasheet
1Mb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020QGA25 SYNQOR-PQ48020QGA25 Datasheet
739Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033QGA25 SYNQOR-PQ60033QGA25 Datasheet
745Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48050HMA25 SYNQOR-PQ48050HMA25 Datasheet
788Kb / 14P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25 SYNQOR-PQ60018QGA25 Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ24018QGA25 SYNQOR-PQ24018QGA25 Datasheet
658Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com