Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ48015QGA25NYS Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # PQ48015QGA25NYS
Description  25 Amp, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ48015QGA25NYS Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  PQ48015QGA25NYS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ48015QGA25NYS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ48015QGA25NYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ48015QGA25NYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ48015QGA25NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ48015QGA25NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ48015QGA25NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ48015QGA25NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ48015QGA25NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Product # PQ60015QGA25
Phone 1-888-567-9596
Doc.# 005-2QG651D Rev. A
12/19/02
Page 5
Performance Curves
48Vin 1.5Vout 25A
Quarter
Quarter
Brick
Brick
60
65
70
75
80
85
90
0
3
5
8
10
13
15
18
20
23
25
Load Current (A)
36 Vin
48 Vin
75 Vin
Figure 1: Efficiency at nominal output voltage vs. load current for min-
imum, nominal, and maximum input voltage at 25°C.
80
81
82
83
84
85
86
87
88
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 2: Efficiency at nominal output voltage and 60% rated power vs.
airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C
(nominal input voltage).
0
1
2
3
4
5
6
7
8
9
10
0
3
5
8
10
13
15
18
20
23
25
Load Current (A)
36 Vin
48 Vin
75 Vin
Figure 3: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 4: Power dissipation at nominal output voltage and 60% rated
power vs. airflow rate for ambient air temperatures of 25°C, 40°C, and
55°C (nominal input voltage).
0
5
10
15
20
25
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Figure 5: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 0 LFM through 400 LFM with air flowing
across the converter from pin 3 to pin 1 (nominal input voltage).
Figure 6: Thermal plot of converter at 25 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter
sideways from pin 3 to pin 1 (nominal input voltage).
Semiconductor junction temperature is
within 1
°C of surface temperature


Similar Part No. - PQ48015QGA25NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48015QGA25NYS SYNQOR-PQ48015QGA25NYS Datasheet
1Mb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ48015QGA25NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60025QGA25 SYNQOR-PQ60025QGA25 Datasheet
753Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015QGA25 SYNQOR-PQ48015QGA25 Datasheet
1Mb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020QGA25 SYNQOR-PQ48020QGA25 Datasheet
739Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033QGA25 SYNQOR-PQ60033QGA25 Datasheet
745Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48050HMA25 SYNQOR-PQ48050HMA25 Datasheet
788Kb / 14P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25 SYNQOR-PQ60018QGA25 Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ24018QGA25 SYNQOR-PQ24018QGA25 Datasheet
658Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com