Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60015HTA60NYF Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60015HTA60NYF
Description  60 Amp, No Heatsink, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015HTA60NYF Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60015HTA60NYF Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60015HTA60NYF Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60015HTA60NYF Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60015HTA60NYF Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60015HTA60NYF Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015HTA60NYF Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015HTA60NYF Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015HTA60NYF Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015HTA60NYF Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product # PQ60015HTA60
Phone 1-888-567-9596
Doc.# 005-2HT461F Rev. D
11/21/02
Page 1
Half
Half
Brick
Brick
Technical Specification
48Vin 1.5Vout 60A
60 Amp, No Heatsink, Isolated DC/DC Converter
The PQ60015HTA60 PowerQor™ Tera converter
is a next-generation, board-mountable, isolated,
fixed switching frequency DC/DC converter that uses
synchronous rectification toachieve extremely high
conversion efficiency. The power dissipated by the
converter is so low that a heatsink is not required,
which saves cost, weight, height, and application effort.
The Tera series converters offer the maximum useable
output current for any standard “half-brick” module.
The Tera units also feature active current sharing for
N+1 and parallel applications.
PQ60015HTA60 Module
Mechanical Features
• Industry standard half-brick pin-out configuration
• Industry standard footprint: 2.3” x 2.4”
• Total height only 0.43”, permits better airflow and
smaller card pitch
• Total weight: 2.6 oz. (75 grams)
Safety Features
• 2000V, 10 M
Ω input-to-output isolation
• UL/cUL 60950 recognized (US & Canada), basic
insulation rating
• TUV certified to EN60950
• Meets 72/23/EEC and 93/68/EEC directives
• Meets UL94V-0 flammability requirements
Operational Features
• Ultra-high efficiency, 85% at full rated load current
• Delivers up to 60 amps of output current with mini-
mal derating - no heatsink required
• Wide input voltage range: 35V – 75V, with 100V
100ms input voltage transient withstand
• Fixed frequency switching provides predictable EMI
performance
Protection Features
• Input under-voltage lockout disables converter at
low input voltage conditions
• Output current limit and short circuit protection
• Output over-voltage protection
• Thermal shutdown
Control Features
• On/Off control referenced to input side (positive
and negative logic options are available)
• Remote sense for the output voltage compensates
for output distribution drops
• Output voltage trim permits custom voltages and
voltage margining
Optional Features (Full-Feature modules)
• Active current share for N+1 and parallel applications
• External Clock Synchronization pin for better EMI
characteristics
• Startup Synchronization pin for more consistent start-
up sequence
• ORing FET drive supply for efficient ORing protection


Similar Part No. - PQ60015HTA60NYF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015HPAA0 SYNQOR-PQ60015HPAA0 Datasheet
1Mb / 13P
   Half-brick DC/DC Converter
PQ60015HPAA0NKF-G SYNQOR-PQ60015HPAA0NKF-G Datasheet
1Mb / 13P
   Half-brick DC/DC Converter
PQ60015HPAA0NKS-G SYNQOR-PQ60015HPAA0NKS-G Datasheet
1Mb / 13P
   Half-brick DC/DC Converter
PQ60015HPAA0NNF-G SYNQOR-PQ60015HPAA0NNF-G Datasheet
1Mb / 13P
   Half-brick DC/DC Converter
PQ60015HPAA0NNS-G SYNQOR-PQ60015HPAA0NNS-G Datasheet
1Mb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60015HTA60NYF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ48025HTA60 SYNQOR-PQ48025HTA60 Datasheet
805Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ48015HTA60 SYNQOR-PQ48015HTA60 Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ48018HTA60 SYNQOR-PQ48018HTA60 Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60012HTA60 SYNQOR-PQ60012HTA60 Datasheet
731Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HTA60 SYNQOR-PQ48020HTA60 Datasheet
804Kb / 14P
   60 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HMA30 SYNQOR-PQ48025HMA30 Datasheet
785Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com