Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60015QPA60NK2 Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60015QPA60NK2
Description  Quarter-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60015QPA60NK2 Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60015QPA60NK2 Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60015QPA60NK2 Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60015QPA60NK2 Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60015QPA60NK2 Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60015QPA60NK2 Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60015QPA60NK2 Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60015QPA60NK2 Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60015QPA60NK2 Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60015QPA60NK2 Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
T
Technical
echnical
S
Specification
pecification
PQ60015QP
PQ60015QPA60
A60
Product # PQ60015QPA60
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QP651F Rev. B
01/23/08
Page 1
TThhee PPQ
Q6
60
00
01
15
5Q
QPPA
A6
60
0 PPoow
weerrQ
Qoorr®® PPeettaa qquuaarrtteerr--bbrriicckk ccoonnvveerrtt--
eerr iiss aa nneexxtt--ggeenneerraattiioonn,, bbooaarrdd--m
moouunnttaabbllee,, iissoollaatteedd,, ffiixxeedd
ssw
wiittcchhiinngg ffrreeqquueennccyy D
DC
C/
/D
DC
C ccoonnvveerrtteerr tthhaatt uusseess ssyynncchhrroonnoouuss
rreeccttiiffiiccaattiioonn ttoo aacchhiieevvee eexxttrreem
meellyy hhiigghh ccoonnvveerrssiioonn eeffffiicciieennccyy..
TThhee ppoow
weerr ddiissssiippaatteedd bbyy tthhee ccoonnvveerrtteerr iiss ssoo lloow
w tthhaatt aa
hheeaattssiinnkk iiss nnoott rreeqquuiirreedd,, w
whhiicchh ssaavveess ccoosstt,, w
weeiigghhtt,, hheeiigghhtt,, aanndd
aapppplliiccaattiioonn eeffffoorrtt.. A
Allll ooff tthhee ppoow
weerr aanndd ccoonnttrrooll ccoom
mppoonneennttss
aarree m
moouunntteedd ttoo tthhee m
muullttii--llaayyeerr PPC
CBB ssuubbssttrraattee w
wiitthh hhiigghh--yyiieelldd
ssuurrffaaccee m
moouunntt tteecchhnnoollooggyy.. SSiinnccee tthhee PPoow
weerrQ
Qoorr ccoonnvveerrtteerr hhaass
nnoo eexxpplliicciitt tthheerrm
maall iinntteerrffaacceess,, iitt iiss eexxttrreem
meellyy rreelliiaabbllee.. TThhee PPeettaa
sseerriieess ooffffeerrss iinndduussttrryy lleeaaddiinngg oouuttppuutt ccuurrrreennttss ffoorr aannyy ssttaannddaarrdd
qquuaarrtteerr--bbrriicckk m
moodduullee.. RRooH
HSS ccoom
mpplliiaanntt ((sseeee ppaaggee 1
13
3))..
PQ60015QPA60 Module
48V
48V in
in
1.5V
1.5Vout
out
60Amp
60Amp
2000Vdc
2000Vdc
Quar
Quar ter-brick
ter-brick
Input
Input
Output
Output
Current
Current
Isolation
Isolation
DC/DC Conver
DC/DC Conver ter
ter
• Ultra-high efficiency, 89% half load, 85% full load
• Delivers up to 60 amps of output current with minimal
derating - no heatsink required
• Wide input voltage range: 35V – 75V, with 100V
100ms input voltage transient capability
• Fixed frequency switching provides predictable EMI
performance
• No minimum load requirement means no preload
resistors required
Operational Features
Operational Features
• Input under-voltage lockout disables converter at low
input voltage conditions
• Output current limit and short circuit protection protects
converter and load from permanent damage and conse-
quent hazardous conditions
• Active back bias limit prevents damage to converter
from external load induced pre-bias
• Output over-voltage protection protects load from dam-
aging voltages
• Thermal shutdown protects converter from abnormal
environmental conditions
Pr
Protection Features
otection Features
• 2000V, 30 MW input-to-output isolation provides
input/output ground separation
• UL/cUL 60950-1 recognized (US & Canada), basic
insulation rating
• TUV certified to EN60950-1
• Meets 72/23/EEC and 93/68/EEC directives which
facilitates CE Marking in user’s end product
• Board and plastic components meet UL94V-0 flamma-
bility requirements
Safety Features
Safety Features
• Industry standard quarter-brick pin-out configuration
• Industry standard size: 1.45” x 2.3” (36.8x58.4mm)
• Total height less than 0.45” (11.4mm), permits better
airflow and smaller card pitch
• Total weight: 1.5 oz. (42 grams)
• Flanged pins designed to permit surface mount solder-
ing (avoid wave solder) using FPiP technique
Mechanical Features
Mechanical Features
• On/Off control referenced to input side (positive and
negative logic options are available)
• Remote sense for the output voltage compensates for
output distribution drops
• Output voltage trim permits custom voltages and volt-
age margining
Contr
Control Features
ol Features


Similar Part No. - PQ60015QPA60NK2

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15NKS SYNQOR-PQ60015QML15NKS Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15NNS SYNQOR-PQ60015QML15NNS Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QML15NRS SYNQOR-PQ60015QML15NRS Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60015QPA60NK2

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com