Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60018ETL45NRS Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # PQ60018ETL45NRS
Description  Eighth-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018ETL45NRS Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button PQ60018ETL45NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60018ETL45NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60018ETL45NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60018ETL45NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018ETL45NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018ETL45NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018ETL45NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60018ETL45NRS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60018ETL45NRS Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Product # PQ60018ETL45
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ET618F Rev. B
06/01/09
Page 7
Input:
Output:
Current:
Package:
35-75 V
1.8 V
45 A
Eighth-brick
Technical Specification
Figure 9: Turn-on transient at full load (resistive load) (5 ms/div). Load
cap: 10 uF, 100 mW ESR tantalum capacitor and 1 uF ceramic capacitor.
Input voltage pre-applied. Ch 1: Vout (500 mV/div), Ch 2: ON/OFF input
(5 V/div).
Figure 10: Turn-on transient at zero load (5 ms/div). Load cap: 10 uF,
100 mW ESR tantalum capacitor and 1 uF ceramic capacitor. Ch 1:
Vout (500 mV/div), Ch 2: ON/OFF input (5 V/div).
0
10
20
30
40
50
25
40
55
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 7: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 100 LFM through 400 LFM with air flowing
across the converter from pin input to output (nominal input voltage).
Figure 8: Thermal plot of an open frame converter at 35.6 amp load cur-
rent (64.0W) with 70°C air flowing at the rate of 200 LFM. Air is flowing
across the converter from input to output (nominal input voltage).
Figure 11: Output voltage response to step-change in load current (50%-
75%-50% of Iout(max); dI/dt = 0.1A/µs). Load cap: 10µF, 100 m
W ESR tanta-
lum cap and 1µF ceramic cap. Ch 1: Vout (100mV/div), Ch 2: Iout (20A/div).
Figure 12: Output voltage response to step-change in load current (50%-
75%-50% of Iout(max): dI/dt = 1A/µs). Load cap: 470µF, 30 m
W ESR tanta-
lum cap and 1µF ceramic cap. Ch 1: Vout (200mV/div), Ch 2: Iout (20A/div).


Similar Part No. - PQ60018ETL45NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018EGA20NKS SYNQOR-PQ60018EGA20NKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NNS SYNQOR-PQ60018EGA20NNS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NRS SYNQOR-PQ60018EGA20NRS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NYS SYNQOR-PQ60018EGA20NYS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20PKS SYNQOR-PQ60018EGA20PKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60018ETL45NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com