Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60018HPAA0NYS Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # PQ60018HPAA0NYS
Description  Half-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018HPAA0NYS Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button PQ60018HPAA0NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018HPAA0NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018HPAA0NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018HPAA0NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60018HPAA0NYS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60018HPAA0NYS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60018HPAA0NYS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60018HPAA0NYS Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60018HPAA0NYS Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Product # PQ60018HPAA0
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HP618A Rev. C
3/08/05
Page 11
Input:
Input:
Output:
Output:
Current:
Current:
P
Package:
ackage:
35-75 V
35-75 V
1.8 V
1.8 V
100 A
100 A
Half-brick
Half-brick
T
Technical S
echnical Specification
pecification
200 ms the converter will automatically restart.
Over-Temperature Shutdown: A temperature sensor on the
converter senses the average temperature of the module. The
thermal shutdown circuit is designed to turn the converter off
when the temperature at the sensed location reaches the Over-
Temperature Shutdown value. It will allow the converter to turn on
again when the temperature of the sensed location falls by the
amount of the Over-Temperature Shutdown Restart Hysteresis
value.
APPLICATION CONSIDERATIONS
Input System Instability: This condition can occur because
any DC/DC converter appears incrementally as a negative
resistance load. A detailed application note titled “Input
System Instability” is available on the SynQor web site
(www.synqor.com) which provides an understanding of why
this instability arises, and shows the preferred solution for cor-
recting it.
Application Circuits: Figure D below provides a typical cir-
cuit diagram which details the input filtering and voltage trim-
ming.
Input Filtering and External Capacitance: Figure E below
provides a diagram showing the internal input filter components.
This filter dramatically reduces input terminal ripple current,
which otherwise could exceed the rating of an external input
electrolytic capacitor. The recommended external input capaci-
tance is specified in the “Input Characteristics” section. More
detailed information is available in the application note titled
“EMI Characteristics” on the SynQor website.
Vin
External
Input
Filter
Trim
Vin(+)
Iload
Cload
C1
L
C2
Vout(+)
Rtrim-up
or
Rtrim-down
Vsense(+)
ON/OFF
Vin(_)
Vin(+)
Vin(_)
Vout(_)
Vsense(_)
Figure D: Typical application circuit (negative logic unit, permanently enabled).
Figure E: Internal Input Filter Diagram (component values listed on page 3).
Electrolytic
Capacitor
47µF


Similar Part No. - PQ60018HPAA0NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018HPA80 SYNQOR-PQ60018HPA80 Datasheet
639Kb / 14P
   Half-brick DC/DC Converter
PQ60018HPA80NKF SYNQOR-PQ60018HPA80NKF Datasheet
639Kb / 14P
   Half-brick DC/DC Converter
PQ60018HPA80NKS SYNQOR-PQ60018HPA80NKS Datasheet
639Kb / 14P
   Half-brick DC/DC Converter
PQ60018HPA80NNF SYNQOR-PQ60018HPA80NNF Datasheet
639Kb / 14P
   Half-brick DC/DC Converter
PQ60018HPA80NNS SYNQOR-PQ60018HPA80NNS Datasheet
639Kb / 14P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60018HPAA0NYS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com