Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60018ETL45NYS Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ60018ETL45NYS
Description  Eighth-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018ETL45NYS Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ60018ETL45NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018ETL45NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018ETL45NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018ETL45NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60018ETL45NYS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60018ETL45NYS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60018ETL45NYS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60018ETL45NYS Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60018ETL45NYS Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Product # PQ60018ETL45
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ET618F Rev. B
06/01/09
Page 10
Input:
Output:
Current:
Package:
35-75 V
1.8 V
45 A
Eighth-brick
Technical Specification
OpenCollectorEnableCircuit
Figure A: Various circuits for driving the ON/OFF pin.
Figure B: Internal ON/OFF pin circuitry
Remote Enable Circuit
Direct Logic Drive
NegativeLogic
(Permanently Enabled)
Positive Logic
(Permanently Enabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
TTL/
CMOS
Vin(_
)
ON/OFF
Vin(_)
Vin(_
)
TTL
5V
50k
10k
ON/OFF
Vin(_)
100pF
BASICOPERATIONANDFEATURES
The single stage power converter switches at a fixed frequency
forpredictableEMIperformance.Rectificationofthetransformer’s
output is accomplished with synchronous rectifiers. These devices,
whichareMOSFETswithaverylowon-stateresistance,dissipate
far less energy than Schottky diodes. This is the primary reason
that the PowerQor converter has such high efficiency, even at very
low output voltages and very high output currents.
Dissipation throughout the converter is so low that it does not
require a heatsink for operation. Since a heatsink is not required,
the PowerQor converter does not need a metal baseplate or pot-
ting material to help conduct the dissipated energy to the heatsink.
The PowerQor converter can thus be built more simply and reliably
using high yield surface mount techniques on a PCB substrate.
The PowerQor series of eighth-brick, quarter-brick and half-brick
converters uses the industry standard footprint and pin-out con-
figuration.
CONTROLFEATURES
REMOTE ON/OFF (Pin 2):TheON/OFFinput,Pin2,permits
the user to control when the converter is on or off. This input is
referencedtothereturnterminaloftheinputbus,Vin(-).Thereare
two versions of the converter that differ by the sense of the logic
usedfortheON/OFFinput.
In the positive logic version, the ON/OFF input is active high
(meaning that a high turns the converter on).Inthenegativelogic
version, the ON/OFF signal is active low (meaning that a low
turns the converter on).FigureAdetailsfivepossiblecircuitsfor
drivingtheON/OFFpin.FigureBisadetailedlookoftheinternal
ON/OFFcircuitry.
REMOTE SENSE(+) (Pins 7 and 5): The SENSE(+) inputs
correct for voltage drops along the conductors that connect the
converter’soutputpinstotheload.
Pin7shouldbeconnectedtoVout(+)andPin5shouldbecon-
nected to Vout(-) at the point on the board where regulation is
desired. A remote connection at the load can adjust for a voltage
drop only as large as that specified in this datasheet, that is
[Vout(+)-Vout(-)] [Vsense(+)-Vsense(-)] <
SenseRange%xVout
Pins7and5mustbeconnectedforproperregulationoftheout-
putvoltage.Iftheseconnectionsarenotmade,theconverterwill
deliver an output voltage that is slightly higher than its specified
value.
Note:theoutputover-voltageprotectioncircuitsensesthevoltage
across the output (pins 8 and 4) to determine when it should trig-
ger,notthevoltageacrosstheconverter’ssenseleads(pins7and
5). Therefore, the resistive drop on the board should be small
enough so that output OVP does not trigger, even during load
transients.
OUTPUT VOLTAGE TRIM (Pin 6):TheTRIMinputpermitsthe
user to adjust the output voltage across the sense leads up or down
according to the trim range specifications.
To decrease the output voltage, the user should connect a resistor
betweenPin6andPin5(SENSE(-)input).Foradesireddecrease
of the nominal output voltage, the value of the resistor should be
Rtrim-down =
(511) -10.22 (kW)
D
%
where
D% = Vnominal–Vdesired
x100%
Vnominal
Application Section


Similar Part No. - PQ60018ETL45NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018EGA20NKS SYNQOR-PQ60018EGA20NKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NNS SYNQOR-PQ60018EGA20NNS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NRS SYNQOR-PQ60018EGA20NRS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NYS SYNQOR-PQ60018EGA20NYS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20PKS SYNQOR-PQ60018EGA20PKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60018ETL45NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com