Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60018ETL45NYS Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # PQ60018ETL45NYS
Description  Eighth-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018ETL45NYS Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  PQ60018ETL45NYS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60018ETL45NYS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60018ETL45NYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60018ETL45NYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60018ETL45NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60018ETL45NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018ETL45NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018ETL45NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018ETL45NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Product # PQ60018ETL45
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2ET618F Rev. B
06/01/09
Page 4
Input:
Output:
Current:
Package:
35-75 V
1.8 V
45 A
Eighth-brick
Technical Specification
PQ60018ETL45 Electrical Characteristics
TA=25°C,airflowrate=300LFM,Vin=48Vdcunlessotherwisenoted;fulloperatingtemperaturerangeis-40°Cto+100°Cambient
temperature with appropriate power derating. Specifications subject to change without notice.
Parameter
Min.
Typ.
Max.
Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
InputVoltage
Non-Operating
100
V
Continuous
Operating
35
75
V
Continuous
OperatingTransientProtection
100
V
100ms transient, square wave
IsolationVoltage(inputtooutput)
2250
V
Basicinsulation,PollutionDegree2
OperatingTemperature
-40
100
°C
StorageTemperature
-55
125
°C
VoltageatON/OFFinputpin
-2
18
V
INPUT CHARACTERISTICS
OperatingInputVoltageRange
35
48
75
V
InputUnder-VoltageLockout
Turn-OnVoltageThreshold
31.5
32.6
33.7
V
Turn-OffVoltageThreshold
29.6
30.6
32.5
V
LockoutVoltageHysteresis
1.9
2.0
2.1
V
MaximumInputCurrent
2.6
A
100%Load,35Vin,nominalVout
No-LoadInputCurrent
0
46
75
mA
DisabledInputCurrent
6
10
mA
InrushCurrentTransientRating
0.1
A2s
ResponsetoInputTransient
60
mV
1000V/msinputtransient
InputReflectedRippleCurrent
2
mA
RMSthru10µHinductor;Figures13&15
InputTerminalRippleCurrent
30
mA
RMS;Figures13&14
RecommendedInputFuse
20
A
Fastblowexternalfuserecommended
InputFilterComponentValues(L\C)
1.0\3.3 µH\µF
Internalvalues;seeFigureE
RecommendedExternalInputCapacitance
47
µF
TypicalESR0.1-0.2W;seeFigure13
OUTPUT CHARACTERISTICS
OutputVoltageSetPoint
1.785
1.800
1.817
V
OutputVoltageRegulation
OverLine
+0.1\1.8
%\mV
OverLoad
+0.2\3.6
%\mV
OverTemperature
+5
mV
TotalOutputVoltageRange
1.774
1.800
1.828
V
Oversample,line,load,temperature&life
OutputVoltageRippleandNoise1
20MHzbandwidth;Figures 13&16
Peak-to-Peak
35
mV
FullLoad;seeFigures 13&16
RMS
15
mV
FullLoad;seeFigures 13&16
OperatingOutputCurrentRange
0
45
A
Subjecttothermalderating;Figures5-8
OutputDCCurrent-LimitInception
48
52
64
A
OutputVoltage10%Low
OutputDCCurrent-LimitShutdownVoltage
1.0
V
Back-DriveCurrentLimitwhileEnabled
4.6
6.5
A
Negativecurrentdrawnfromoutput
Back-DriveCurrentLimitwhileDisabled
10
50
mA
Negativecurrentdrawnfromoutput
MaximumOutputCapacitanceElectrolytic
43
mF
1.8Voutat45AResistiveLoad
MaximumOutputCapacitanceCeramic
5
mF
1.8Voutat45AResistiveLoad
DYNAMIC CHARACTERISTICS
InputVoltageRippleRejection
67
dB
120Hz;Figure20
OutputVoltageduringLoadCurrentTransient
ForaStepChangeinOutputCurrent(0.1A/µs)
120
mV
50%to75%to50%Ioutmax;Figure11
ForaStepChangeinOutputCurrent(1A/µs)
200
mV
50%to75%to50%Ioutmax;Figure12
Settling Time
1000
µs
Towithin1%Voutnom
Turn-OnTransient
Turn-OnTime
10
13
20
ms
Fullload,Vout=90%nom.;Figures9&10
RestartInhibitTime
180
200
230
ms
-40°Cto+125°C;FigureF
OutputVoltageOvershoot
0
%
Noloadcapacitance,Iout=0A
EFFICIENCY
100%Load
87
%
Figures1-4
50%Load
89
%
Figures1-4
TEMPERATURE LIMITS FOR POWER DERATING CURVES
SemiconductorJunctionTemperature
125
°C
Packageratedto150°C
BoardTemperature
125
°C
ULratedmaxoperatingtemp130°C
TransformerTemperature
125
°C
SeeFigures5-8forderatingcurves
ISOLATION CHARACTERISTICS
IsolationVoltage(dielectricstrength)
2250
V
IsolationResistance
30
MW
IsolationCapacitance2
3300
pF
Note1:Outputvoltageripplecanexceedmaximumspecificationduringstartupwhenoutputvoltageislessthan0.7V.Additionaloutputcapacitancewillmitigatethis
startupripplebehavior.Forapplicationsrequiringreducedoutputvoltagerippleandnoise,consultSynQorapplicationssupport(e-mail:support@synqor.com)
Note2:Highervaluesofisolationcapacitancecanbeaddedexternaltothemodule.


Similar Part No. - PQ60018ETL45NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018EGA20NKS SYNQOR-PQ60018EGA20NKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NNS SYNQOR-PQ60018EGA20NNS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NRS SYNQOR-PQ60018EGA20NRS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20NYS SYNQOR-PQ60018EGA20NYS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGA20PKS SYNQOR-PQ60018EGA20PKS Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60018ETL45NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com