Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60018QML15PRS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60018QML15PRS
Description  15 Amp, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018QML15PRS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60018QML15PRS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60018QML15PRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60018QML15PRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60018QML15PRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60018QML15PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60018QML15PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018QML15PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018QML15PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018QML15PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product # PQ60018QML15
Phone 1-888-567-9596
Doc.# 005-2QM618E Rev. A
8/16/02
Page 1
Technical Specification
48Vin 1.8Vout 15A
Quarter
Quarter
Brick
Brick
15 Amp, No Heatsink, Isolated DC/DC Converter
The PQ60018QML15 PowerQor™ Mega quarter-
brick converter is a next-generation, board-mountable,
isolated, fixed switching frequency DC/DC converter
that uses synchronous rectification to achieve very high
conversion efficiency. The power dissipated by the con-
verter is so low that a heatsink is not required, which
saves cost, weight, height, and application effort. All of
the power and control components are mounted to the
multi-layer PCB substrate with high-yield surface
mount technology, yielding an extremely reliable prod-
uct that is less than 8.5mm in height. The Mega series
offer significant useable output current in an economi-
cal standard “quarter-brick” module.
PQ60018QML15 Module
Mechanical Features
• Industry standard quarter-brick pin-out configuration
• Industry standard size: 1.45” x 2.3”
• Total height only 8.5mm (0.335”), permits better air-
flow and smaller card pitch, meets NTT reqs.
• Total weight: 34 grams (1.2 oz.), lower mass great-
ly reduces vibration and shock problems
Operational Features
• High efficiency, 80% at full rated load current
• Delivers up to 15 amps of output current with mini-
mal derating - no heatsink required
• Wide input voltage range: 35V – 75V, with 100V
100ms input voltage transient protection
• Fixed frequency switching provides predictable EMI
performance
• No minimum load requirement means no preload
resistors required
Protection Features
• Input under-voltage lockout disables converter at
low input voltage conditions
• Output current limit and short circuit protection
protects converter from excessive load current or
short circuits
• Output over-voltage protection protects load from
damaging voltages
• Thermal shutdown protects converter from abnor-
mal environmental conditions
Safety Features
• 2000V, 10 M
Ω input-to-output isolation provides
input/output ground separation
• UL/cUL 60950 recognized (US & Canada), basic
insulation rating
• TUV certified to EN60950
• Meets 72/23/EEC and 93/68/EEC directives
which facilitates CE Marking in user’s end product
• Board and plastic components meet UL94V-0 flam-
mability requirements
Control Features
• On/Off control referenced to input side (positive
and negative logic options are available)
• Remote sense for the output voltage compensates
for output distribution drops
• Output voltage trim permits custom voltages and
voltage margining


Similar Part No. - PQ60018QML15PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018QGA25 SYNQOR-PQ60018QGA25 Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25NKF SYNQOR-PQ60018QGA25NKF Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25NKS SYNQOR-PQ60018QGA25NKS Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25NNF SYNQOR-PQ60018QGA25NNF Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25NNS SYNQOR-PQ60018QGA25NNS Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60018QML15PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QML15 SYNQOR-PQ60050QML15 Datasheet
686Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025QML15 SYNQOR-PQ60025QML15 Datasheet
722Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015EML15 SYNQOR-PQ60015EML15 Datasheet
844Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018EML15 SYNQOR-PQ60018EML15 Datasheet
789Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033QML15 SYNQOR-PQ60033QML15 Datasheet
733Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HMA30 SYNQOR-PQ48025HMA30 Datasheet
785Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com