Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60018QPA60PRS Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ60018QPA60PRS
Description  Quarter-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60018QPA60PRS Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ60018QPA60PRS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60018QPA60PRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60018QPA60PRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60018QPA60PRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60018QPA60PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60018QPA60PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60018QPA60PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60018QPA60PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60018QPA60PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Product # PQ60018QPA60
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QP618F Rev. B
09/24/08
Page 3
Technical Specification
Input:
Output:
Current:
Package:
35 - 75 V
1.8 V
60 A
Quarter-brick
Parameter
Min.
Typ.
Max.
Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
InputVoltage
Non-Operating
100
V
Continuous
Operating
80
V
Continuous
OperatingTransientProtection
100
V
100mstransient,squarewave
IsolationVoltage(inputtooutput)
2000
V
Basicinsulation,PollutionDegree2
OperatingTemperature
-40
100
°C
StorageTemperature
-55
125
°C
VoltageatON/OFFinputpin
-2
18
V
INPUT CHARACTERISTICS
OperatingInputVoltageRange
35
48
75
V
InputUnder-VoltageLockout
Turn-OnVoltageThreshold
32
33
34
V
Turn-OffVoltageThreshold
28.5
29.5
30.5
V
LockoutVoltageHysteresis
2.5
3.5
4.5
V
MaximumInputCurrent
3.6
A
100%Load,35Vin
No-LoadInputCurrent
45
70
mA
DisabledInputCurrent
1.6
3
mA
InrushCurrentTransientRating
0.01
A2s
ResponsetoInputTransient
150
mV
1000V/msinputtransient
InputReflectedRippleCurrent
19
mA
P-Pthru10µHinductor;Figures17&19
InputTerminalRippleCurrent
165
mA
RMS;Figures17&18
RecommendedInputFuse
20
A
Fastblowexternalfuserecommended
InputFilterComponentValues(L\C)
2.0\6.6
µH\µF Internalvalues,seeFigureE
RecommendedExternalInputCapacitance
47
µF
TypicalESR0.1-0.2W,seeFigure17
OUTPUT CHARACTERISTICS
OutputVoltageSetPoint
1.782
1.800
1.818
V
OutputVoltageRegulation
OverLine
+0.1\2 +0.3\5 %\mV
OverLoad
+0.1\2 +0.3\5 %\mV
OverTemperature
+9
+27
mV
TotalOutputVoltageRange
1.745
1.855
V
Oversample,line,load,temperature&life
OutputVoltageRippleandNoise1
500MHzbandwidth;Figures17&20
Peak-to-Peak
50
100
mV
FullLoad,seeFigures17&20
RMS
10
30
mV
FullLoad,seeFigures17&20
OperatingOutputCurrentRange
0
60
A
Subjecttothermalderating;Figures5-12
OutputDCCurrent-LimitInception
66
69
72
A
OutputVoltage10%Low
OutputDCCurrent-LimitShutdownVoltage
0.9
V
Back-DriveCurrentLimitwhileEnabled
1.0
1.1
3.0
A
Negativecurrentdrawnfromoutput
Back-DriveCurrentLimitwhileDisabled
0
10
50
mA
Negativecurrentdrawnfromoutput
MaximumOutputCapacitance
30,000
µF
1.8Voutat60AResistiveLoad
DYNAMIC CHARACTERISTICS
InputVoltageRippleRejection
82
dB
120Hz;Fig.26
OutputVoltageduringLoadCurrentTransient
ForaStepChangeinOutputCurrent(0.1A/µs)
80
mV
50%to75%to50%Ioutmax;Figure15
ForaStepChangeinOutputCurrent(1A/µs)
190
mV
50%to75%to50%Ioutmax;Figure16
SettlingTime
400
µs
Towithin1%Voutnom
Turn-OnTransient
Turn-OnTime
4
6
8
ms
Fullload,Vout=90%nom.;Figures13&14
Start-UpInhibitTime
180
200
240
ms
-40°Cto+125°C;FigureF
OutputVoltageOvershoot
0
%
30,000µFloadcapacitance,Iout=0A
EFFICIENCY
100%Load
87
%
Figures1-4
50%Load
90
%
Figures1-4
TEMPERATURE LIMITS FOR POWER DERATING CURVES
SemiconductorJunctionTemperature
125
°C
Packageratedto150°C
BoardTemperature
125
°C
ULratedmaxoperatingtemp130°C
TransformerTemperature
125
°C
SeeFigures5-12forderatingcurves
ISOLATION CHARACTERISTICS
IsolationVoltage(dielectricstrength)
2000
V
IsolationResistance
30
MW
IsolationCapacitance2
470
pF
PQ60018QPA60ELECTRICALCHARACTERISTICS
TA=25°C,airflowrate=300LFM,Vin=48Vdcunlessotherwisenoted;fulloperatingtemperaturerangeis-40°Cto+100°Cambient
temperaturewithappropriatepowerderating.Specificationssubjecttochangewithoutnotice.
Note1:Forapplicationsrequiringreducedoutputvoltagerippleandnoise,consultSynQorapplicationssupport(e-mail:support@synqor.com)
Note2:Highervaluesofisolationcapacitancecanbeaddedexternaltothemodule.


Similar Part No. - PQ60018QPA60PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60018QGA25 SYNQOR-PQ60018QGA25 Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25NKF SYNQOR-PQ60018QGA25NKF Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25NKS SYNQOR-PQ60018QGA25NKS Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25NNF SYNQOR-PQ60018QGA25NNF Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QGA25NNS SYNQOR-PQ60018QGA25NNS Datasheet
743Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60018QPA60PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com