Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60025EKL20NKS-G Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # PQ60025EKL20NKS-G
Description  Eighth-brick DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60025EKL20NKS-G Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ60025EKL20NKS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60025EKL20NKS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60025EKL20NKS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60025EKL20NKS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60025EKL20NKS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60025EKL20NKS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60025EKL20NKS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60025EKL20NKS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60025EKL20NKS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
35-75V
2.5V
20A
PQ60025EKx20
Product # PQ60025EKx20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005112 Rev. C
06/12/09
Page 8
Input:
Output:
Current:
Part No.:
35-75V
2.5V
20A
PQ60025EKx20
Technical Specification
0
5
10
15
20
25
25
40
55
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 7: Maximum output power derating curves vs. ambient air
temperature for airflow rates of 100 LFM through 400 LFM with air flowing
across the converter from input to output (nominal input voltage).
Figure 8: Thermal plot of converter at 18.6 A load current (42W) with
55°C air flowing at the rate of 200 LFM. Air is flowing across the
converter from input to output (nominal input voltage).
Figure 9: Turn-on transient at full load (resistive load) (10 ms/div).
Load cap: 10 uF, 100 mΩ ESR tantalum capacitor and 1 uF ceramic
capacitor. Input voltage pre-applied. Ch 1: Vout (1V/div), Ch 2: ON/
OFF input (5 V/div).
Figure 10: Turn-on transient at zero load (10 ms/div). Load cap: 10 µF,
100 mΩ ESR tantalum capacitor and 1 µF ceramic capacitor. Ch 1: Vout
(1V/div), Ch 2: ON/OFF input (5 V/div).
Figure 11: Output voltage response to step-change in load current
(50%-75%-50% of Iout(max); dI/dt = 0.1A/µs). Load cap: 15µF tantalum
cap and 1µF ceramic cap. Ch 1: Vout (200mV/div), Ch 2: Iout (5A/div).
Figure 12: Output voltage response to step-change in load current
(50%-75%-50% of Iout(max): dI/dt = 1A/µs). Load cap: 470µF, 30 mΩ
ESR tantalum cap and 1µF ceramic cap. Ch 1: Vout (200mV/div), Ch 2:
Iout (5A/div).
PQ60025EKx20 Figures


Similar Part No. - PQ60025EKL20NKS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60025EGL20 SYNQOR-PQ60025EGL20 Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NKS SYNQOR-PQ60025EGL20NKS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NNS SYNQOR-PQ60025EGL20NNS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NRS SYNQOR-PQ60025EGL20NRS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NYS SYNQOR-PQ60025EGL20NYS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60025EKL20NKS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com