Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60025EKC20NNS-G Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60025EKC20NNS-G
Description  Eighth-brick DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60025EKC20NNS-G Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60025EKC20NNS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60025EKC20NNS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60025EKC20NNS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60025EKC20NNS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60025EKC20NNS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60025EKC20NNS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60025EKC20NNS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60025EKC20NNS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60025EKC20NNS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Technical
Specification
PQ60025EKx20
Product # PQ60025EKx20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005112 Rev. C
06/12/09
Page 1
The PowerQor® Eighth-brick converter series is composed
of next-generation, board-mountable, isolated, fixed
switching frequency dc-dc converters that use synchronous
rectification to achieve extremely high power conversion
efficiency. The power dissipated by the converter is so low
that a heatsink is not required, which saves cost, weight,
height, and application effort. All of the power and control
components are mounted to the multi-layer PCB substrate
with high-yield surface mount technology. Since the
PowerQor converter has no explicit thermal interfaces, it is
extremely reliable. RoHS Compliant (see page 15).
CONTENTS
Page No.
Mechanical Drawing - Open frame - EKA & EKL (low Profile) . . . . . . . . .2
Mechanical Drawing - Encased . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
PQ60025EKA20 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 4-5
PQ60025EKx20 Standards & Qualification Testing . . . . . . . . . . . . . . . . .6
PQ60025EKx20 Figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7-10
Application Section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11-14
Ordering Information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
PQ60025EKA20
Module
48V
2.5V
20A
2000V dc
Eighth-brick
Input
Output
Current
Isolation
DC-DC Converter
Operational Features
• High efficiency, 86% at full load
• Delivers up to 20A of output current (50W) with minimal derating- no
heatsink required
• Wide input voltage range: 35V–75V, with 100V,100ms input voltage
transient capability
• Fixed frequency switching provides predictable EMI performance
• No minimum load requirement means no preload resistors required
Mechanical Features
• Industry standard eighth-brick pin-out configuration
• Industry standard size: 0.90”x2.3” (22.9x58.4mm)
• Total height only 0.320” (8.13mm), permits better airflow and
smaller card pitch
• Total weight: 0.85oz. (24 grams)
• Flanged pins designed to permit surface mount soldering
(avoid wave solder) using FPiP technique
Protection Features
• Input under-voltage lockout disables converter at low input
voltage conditions
• Output current limit and short circuit protection protects
converter and load from permanent damage and consequent
hazardous conditions
• Active back bias limit prevents damage to converter
from external load induced pre-bias
• Output over-voltage protection protects load from
damaging voltages
• Thermal shutdown protects converter from abnormal
environmental conditions
Control Features
• On/Off control referenced to input side (positive and negative logic
options are available)
• Remote sense for the output voltage compensates for output
distribution drops
• Output voltage trim permits custom voltages and voltage margining
Safety Features
• 2000V, 30MΩ input-to-output isolation provides input/output
ground separation
• UL 60950-1 recognized (US & Canada),basic insulation rating
• TUV certified to EN60950-1
• Board and plastic components meet UL94V-0 flammability
requirements


Similar Part No. - PQ60025EKC20NNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60025EGL20 SYNQOR-PQ60025EGL20 Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NKS SYNQOR-PQ60025EGL20NKS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NNS SYNQOR-PQ60025EGL20NNS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NRS SYNQOR-PQ60025EGL20NRS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NYS SYNQOR-PQ60025EGL20NYS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60025EKC20NNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com