Electronic Components Datasheet Search |
|
PQ60025EKA20PRS-G Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters |
|
PQ60025EKA20PRS-G Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters |
9 / 15 page Product # PQ60025EKx20 Phone 1-888-567-9596 www.synqor.com Doc.# 005-0005112 Rev. C 06/12/09 Page 9 Input: Output: Current: Part No.: 35-75V 2.5V 20A PQ60025EKx20 Technical Specification 0 1 2 3 4 5 6 7 8 9 10 11 12 40.0 39.5 39.0 38.5 38.0 37.5 37.0 36.6 36.0 35.5 35.0 Input Voltage (V) 100% Load 50% Load 0% Load 10 µH source impedance DC/DC Converter See Fig. 15 See Fig. 14 See Fig. 16 1 µF ceramic capacitor 15 µF, 100mW ESR tantalum capacitor 47 µF, <1W ESR electrolytic capacitor VSOURCE iS iC VOUT Figure 13: Test set-up diagram showing measurement points for Input Terminal Ripple Current (Figure 14), Input Reflected Ripple Current (Figure 15) and Output Voltage Ripple (Figure 16). Figure 14: Input Terminal Ripple Current, ic, at full rated output current and nominal input voltage with 10µH source impedance and 47µF electrolytic capacitor (50 mA/div). See Figure 13. Figure 15: Input reflected ripple current, is, through a 10 µH source inductor, using a 47µF electrolytic input capacitor (5mA/div). See Figure 13. Figure 16: Output voltage ripple at nominal input voltage and rated load current (50 mV/div). Load capacitance: 1µF ceramic capacitor and 15µF tantalum capacitor. Bandwidth: 20 MHz. See Figure 13. Figure 17: Output voltage response to step-change in input voltage (48V to 75V), at 20A load current. Load cap: 15µF tantalum capacitor and 1uF ceramic cap. Ch 1: Vout (100mV/div), Ch 2: Vin (50V/div). Figure 18: Achievable trim-up percentage vs. input voltage at 0%, 50% and full load. Vin=35-40V. PQ60025EKx20 Figures |
Similar Part No. - PQ60025EKA20PRS-G |
|
Similar Description - PQ60025EKA20PRS-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |