Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC557B Datasheet(PDF) 4 Page - Motorola, Inc

Part # BC557B
Description  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC557B Datasheet(HTML) 4 Page - Motorola, Inc

  BC557B Datasheet HTML 1Page - Motorola, Inc BC557B Datasheet HTML 2Page - Motorola, Inc BC557B Datasheet HTML 3Page - Motorola, Inc BC557B Datasheet HTML 4Page - Motorola, Inc BC557B Datasheet HTML 5Page - Motorola, Inc BC557B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BC556,B BC557A,B,C BC558B
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
BC556
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
Figure 8. “On” Voltage
IC, COLLECTOR CURRENT (mA)
–0.8
–1.0
–0.6
–0.2
–0.4
1.0
2.0
–0.1
–1.0
–10
–200
–0.2
0.2
0.5
–0.2
–1.0
–10
–200
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = –5.0 V
Figure 9. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 10. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
–1.0
–1.2
–1.6
–2.0
–0.02
–1.0
–10
0
–20
–0.1
–0.4
–0.8
–0.2
–2.0
–10
–200
–1.0
TJ = 25°C
IC =
–10 mA
VCE = –5.0 V
TA = 25°C
0
–0.5
–2.0
–5.0
–20
–50
–100
–0.05
–0.2
–0.5
–2.0
–5.0
–100 mA
–20 mA
–1.4
–1.8
–2.2
–2.6
–3.0
–0.5
–5.0
–20
–50
–100
–55
°C to 125°C
θVB for VBE
–2.0 –5.0
–20
–50 –100
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
40
Figure 12. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mA)
–0.1 –0.2
–1.0
–50
2.0
–2.0
–10
–100
100
200
500
50
20
20
10
6.0
4.0
–1.0
–10
–100
VCE = –5.0 V
–0.5
–5.0
–20
TJ = 25°C
Cob
Cib
8.0
–50 mA
–200 mA


Similar Part No. - BC557B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC557B ONSEMI-BC557B Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
Micro Commercial Compon...
BC557B MCC-BC557B Datasheet
294Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
logo
NXP Semiconductors
BC557B PHILIPS-BC557B Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 15
logo
SHENZHEN YONGERJIA INDU...
BC557B WINNERJOIN-BC557B Datasheet
68Kb / 1P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BC557B SIEMENS-BC557B Datasheet
213Kb / 6P
   PNP SILICON TRANSISTORS
More results

Similar Description - BC557B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com