Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60025EKC20NYS-G Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ60025EKC20NYS-G
Description  Eighth-brick DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60025EKC20NYS-G Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ60025EKC20NYS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60025EKC20NYS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60025EKC20NYS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60025EKC20NYS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60025EKC20NYS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60025EKC20NYS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60025EKC20NYS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60025EKC20NYS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60025EKC20NYS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
35-75V
2.5V
20A
PQ60025EKx20
Product # PQ60025EKx20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005112 Rev. C
06/12/09
Page 3
Technical Specification
.986±0.020 (25.04±0.5)
0.600 (15.24)
0.450 (11.43)
0.150 (3.81)
0.300 (7.62)
1
2
3
6
7
8
5
4
2.386±0.020
(60.6±0.5)
2.00
(50.8)
0.300 (7.62)
0.600 (15.24)
Top View
0.180±.010
(4.57±0.25)
0.500 ± 0.025
(12.7 ± 0.63)
Overall Height
0.193±0.020 (4.9±0.5)
Side View
0.183±0.020
(4.65±0.5)
NOTES
1)
Pins 1-3, 5-7 are 0.040” (1.02mm) diameter, with 0.080” (2.03mm)
diameter standoff shoulders.
2)
Pins 4 and 8 are 0.062” (1.57 mm) diameter with 0.100" (2.54 mm)
diameter standoff shoulders.
3)
Other pin extension lengths available. Recommended pin length is
0.03” (0.76mm) greater than the PCB thickness.
4)
All Pins: Material - Copper Alloy- Finish (RoHS 6/6) - Matte Tin over
Nickel plate
5)
Undimensioned components are shown for visual reference only.
6)
All dimensions in inches (mm) Tolerances: x.xx +/-0.02 in. (x.x
+/-0.5mm) x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7)
Weight: 5 oz (142 g) typical
8)
Workmanship: Meets or exceeds IPC-A-610C Class II
9)
The flanged pins are designed to permit surface mount soldering
(allowing to avoid the wave soldering process) through the use of the
flanged pin-in-paste technique.
PIN DESIGNATIONS
Pin
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter on
and off, referenced to Vin(–), with
internal pull up.
3
Vin(–)
Negative input voltage
4
Vout(–) Negative output voltage
5
SENSE(–) Negative remote sense1
6
TRIM
Output voltage trim2
7
SENSE(+) Positive remote sense3
8
Vout(+) Positive output voltage
Notes:
1) SENSE(–) should be connected to Vout(–) either
remotely or at the converter.
2) Leave TRIM pin open for nominal output voltage.
3) SENSE(+) should be connected to Vout(+) either
remotely or at the converter.
Input:
Output:
Current:
Part No.:
35-75V
2.5V
20A
PQ60025EKC20
MECHANICAL DRAWING - ENCASED
Technical Specification


Similar Part No. - PQ60025EKC20NYS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60025EGL20 SYNQOR-PQ60025EGL20 Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NKS SYNQOR-PQ60025EGL20NKS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NNS SYNQOR-PQ60025EGL20NNS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NRS SYNQOR-PQ60025EGL20NRS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025EGL20NYS SYNQOR-PQ60025EGL20NYS Datasheet
738Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60025EKC20NYS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ60X60ETC10 SYNQOR-NQ60X60ETC10 Datasheet
761Kb / 9P
   Eighth-brick DC-DC Converter
PQ60150EGL05 SYNQOR-PQ60150EGL05 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com