Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2352Y Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV2352Y
Description  LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2352Y Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2352Y Datasheet HTML 2Page - Texas Instruments TLV2352Y Datasheet HTML 3Page - Texas Instruments TLV2352Y Datasheet HTML 4Page - Texas Instruments TLV2352Y Datasheet HTML 5Page - Texas Instruments TLV2352Y Datasheet HTML 6Page - Texas Instruments TLV2352Y Datasheet HTML 7Page - Texas Instruments TLV2352Y Datasheet HTML 8Page - Texas Instruments TLV2352Y Datasheet HTML 9Page - Texas Instruments TLV2352Y Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TLV2352, TLV2352Y
LinCMOS
™ DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
SLCS011B – MAY 1992 – REVISED MARCH 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature
TLV2352I
PARAMETER
TEST CONDITIONS
TA‡
VDD = 3 V
VDD = 5 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VIC =VICRmin
See Note 4
25
°C
1
5
1
5
mV
VIO
Input offset voltage
VIC = VICRmin, See Note 4
Full range
7
7
mV
IIO
Input offset current
25
°C
1
1
pA
IIO
Input offset current
85
°C
1
1
nA
IIB
Input bias current
25
°C
5
5
pA
IIB
Input bias current
85
°C
2
2
nA
Common mode input
25
°C
0 to 2
0 to 4
VICR
Common-mode input
voltage range
Full range
0 to
1.75
0 to
3.75
V
IOH
High-level output
VID =1V
25
°C
0.1
0.1
nA
IOH
g
current
VID = 1 V
Full range
1
1
µA
VOL
Low-level output
VID =1 V
IOL =2mA
25
°C
115
300
150
400
mV
VOL
voltage
VID = – 1 V,
IOL = 2 mA
Full range
600
700
mV
IOL
Low-level output
current
VID = – 1 V,
VOL = 1.5 V
25
°C
6
16
6
16
mA
IDD
Supply current
VID =1V
No load
25
°C
120
250
140
300
µA
IDD
Supply current
VID = 1 V,
No load
Full range
350
400
µA
† All characteristics are measured with zero common-mode input voltages unless otherwise noted.
‡ Full range is – 40
°C to 85°C. IMPORTANT: See Parameter Measurement Information.
NOTE 4: The offset voltage limits given are the maximum values required to drive the output above 4 V with VDD = 5 V, 2 V with VDD = 3 V, or
below 400 mV with a 10-k
Ω resistor between the output and VDD. They can be verified by applying the limit value to the input and
checking for the appropriate output state.
switching characteristics, VDD = 3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLV2352I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Response time
RL = 5.1 kΩ, CL = 15 pF§, See Note 5 100-mV input step with 5-mV overdrive
640
ns
§ CL includes probe and jig capacitance.
NOTE 5: The response time specified is the interval between the input step function and the instant when the output crosses VO = 1 V with
VDD = 3 V or VO = 1.4 V with VDD = 5 V.
switching characteristics, VDD = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLV2352I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Response time
RL =51kΩ
CL 15 pF§
See Note 5
100-mV input step with 5-mV overdrive
650
ns
Response time
RL = 5.1 kΩ, CL = 15 pF§, See Note 5
TTL-level input step
200
ns
§ CL includes probe and jig capacitance.
NOTE 5: The response time specified is the interval between the input step function and the instant when the output crosses VO = 1 V with
VDD = 3 V or VO = 1.4 V with VDD = 5 V.


Similar Part No. - TLV2352Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2352Y TI1-TLV2352Y Datasheet
861Kb / 24P
[Old version datasheet]   LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
More results

Similar Description - TLV2352Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2352 TI1-TLV2352_15 Datasheet
861Kb / 24P
[Old version datasheet]   LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC372 TI-TLC372 Datasheet
183Kb / 12P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_16 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_14 Datasheet
1Mb / 27P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLV2354 TI1-TLV2354_14 Datasheet
787Kb / 19P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2354 TI-TLV2354 Datasheet
300Kb / 20P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC354 TI-TLC354 Datasheet
183Kb / 11P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC354 TI1-TLC354_14 Datasheet
634Kb / 18P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC3702 TI-TLC3702 Datasheet
383Kb / 26P
[Old version datasheet]   DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC352 TI-TLC352 Datasheet
140Kb / 9P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com