Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2361 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2361
Description  HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2361 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2361 Datasheet HTML 4Page - Texas Instruments TLV2361 Datasheet HTML 5Page - Texas Instruments TLV2361 Datasheet HTML 6Page - Texas Instruments TLV2361 Datasheet HTML 7Page - Texas Instruments TLV2361 Datasheet HTML 8Page - Texas Instruments TLV2361 Datasheet HTML 9Page - Texas Instruments TLV2361 Datasheet HTML 10Page - Texas Instruments TLV2361 Datasheet HTML 11Page - Texas Instruments TLV2361 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TLV2361, TLV2361Y, TLV2362, TLV2362Y
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS195B – FEBRUARY 1997 – REVISED OCTOBER 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV2361I electrical characteristics, VCC± = ±1.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T
TLV2361I
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO =0
VIC =0
25
°C
1
6
mV
VIO
Input offset voltage
VO = 0,
VIC = 0
–40
°C to 85°C
7.5
mV
IIO
Input offset current
VO =0
VIC =0
25
°C
5
100
nA
IIO
Input offset current
VO = 0,
VIC = 0
–40
°C to 85°C
150
nA
IIB
Input bias current
VO =0
VIC =0
25
°C
20
150
nA
IIB
Input bias current
VO = 0,
VIC = 0
–40
°C to 85°C
250
nA
VIC
Common mode input voltage
|VIO| ≤ 75 mV
25
°C
±0.5
V
VIC
Common-mode input voltage
|VIO| ≤ 7.5 mV
–40
°C to 85°C
±0.5
V
VOM
Maximum positive peak output voltage
RL = 10 kΩ
25
°C
1.2
1.4
V
VOM+
Maximum positive-peak output voltage
RL ≥ 10 kΩ
–40
°C to 85°C
1.2
V
VOM
Maximum negative peak output voltage
RL = 10 kΩ
25
°C
–1.2
–1.4
V
VOM–
Maximum negative-peak output voltage
RL ≥ 10 kΩ
–40
°C to 85°C
–1.2
V
ICC
Supply current (package)
VO =0
No load
25
°C
1.4
2.25
mA
ICC
Supply current (package)
VO = 0,
No load
–40
°C to 85°C
2.75
mA
AVD
Large-signal differential voltage amplification
VO = ±1 V,
RL = 10 kΩ
25
°C
60
80
dB
CMRR
Common-mode rejection ratio
VIC = ±0.5 V
25
°C
75
dB
kSVR
Supply-voltage rejection ratio
VCC± = ±1.5 V to ±2.5 V
25
°C
80
dB
TLV2361I operating characteristics, VCC± = ±1.5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLV2361I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate
AV = 1,
VI = ±0.5 V
2.5
V/
µs
B1
Unity-gain bandwidth
AV = 40,
RL = 10 kΩ,
CL = 100 pF
6
MHz
Vn
Equivalent input noise voltage
RS = 100 Ω,
RF = 10 kΩ,
f = 1 kHz
9
nV/
√Hz


Similar Part No. - TLV2361

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2361 TI1-TLV2361 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2361CDBV TI-TLV2361CDBV Datasheet
489Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2361CDBV TI1-TLV2361CDBV Datasheet
1Mb / 23P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2361CDBVR TI-TLV2361CDBVR Datasheet
489Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2361CDBVR TI1-TLV2361CDBVR Datasheet
1Mb / 23P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2361

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2361 TI1-TLV2361_16 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
ULV2362 UTC-ULV2362 Datasheet
130Kb / 5P
   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2361 TI-TLV2361_03 Datasheet
489Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
December 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com