Electronic Components Datasheet Search |
|
PQ60033QTA35NKS Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters |
|
PQ60033QTA35NKS Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters |
7 / 13 page Product # PQ60033QTA35 Phone 1-888-567-9596 Doc.# 005-2QT633C Rev. C 3/6/03 Page 7 Performance Curves 48Vin 3.3Vout 35A Quarter Quarter Brick Brick Figure 14: Input Terminal Ripple Current, ic, at full rated output cur- rent and nominal input voltage with 10µH source impedance and 47µF electrolytic capacitor (100 mA/div). See Figure 13. Figure 15: Input reflected ripple current, is, through a 10 µH source inductor at nominal input voltage and rated load current (10 mA/div). See Figure 13. Figure 16: Output voltage ripple at nominal input voltage and rated load current (10 mV/div). Load capacitance: 1µF ceramic capacitor and 10µF tantalum capacitor. Bandwidth: 500 MHz. See Figure 13. Figure 13: Test set-up diagram showing measurement points for Input Terminal Ripple Current (Figure 14), Input Reflected Ripple Current (Figure 15) and Output Voltage Ripple (Figure 16). 10 µH source impedance DC/DC Converter Figure 15 Figure 14 Figure 16 1 µF ceramic capacitor 10 µF, 100m Ω ESR tantalum capacitor 47 µF, ≅1Ω ESR electrolytic capacitor VSOURCE i S i C VOUT Figure 17: Output voltage response to step-change in input voltage (50V to 100V in 40µs). Load cap: 10µF, 100 m Ω ESR tantalum capaci- tor and 1µF ceramic cap. Ch 1: Vout (100mV/div), Ch 2: Vin (20V/div). Figure 18: Load current (20A/div) as a function of time when the con- verter attempts to turn on into a 1 m Ω short circuit. Bottom trace (2ms/div) is an expansion of the on-time portion of the top trace. |
Similar Part No. - PQ60033QTA35NKS |
|
Similar Description - PQ60033QTA35NKS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |