Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60050QML15NRS Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # PQ60050QML15NRS
Description  15 Amp, No Heatsink, Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60050QML15NRS Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button PQ60050QML15NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60050QML15NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60050QML15NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60050QML15NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60050QML15NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60050QML15NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60050QML15NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60050QML15NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60050QML15NRS Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Product # PQ60050QML15
Phone 1-888-567-9596
Doc.# 005-2QM650E Rev. A
9/16/02
Page 6
Performance Curves
48Vin 5.0Vout 15A
Quarter
Quarter
Brick
Brick
0
2
4
6
8
10
12
14
16
0
25
4055
7085
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Figure 7: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 0 LFM through 400 LFM with air flowing
from input to output (nominal input voltage).
Figure 8: Thermal plot of converter at 12.5 amp load current with 55°C
air flowing at the rate of 200 LFM. Air is flowing across the converter
lengthwise from input to output.(nominal input voltage).
Figure 9: Turn-on transient at full load (resistive load) (2 ms/div)
Ch1: Vout (2V/div)
Ch2: ON/OFF input (5V/div)
Figure 10: Turn-on transient at zero load (2 ms/div).
Ch1: Vout (2V/div)
Ch2: ON/OFF input (5V/div)
Figure 11: Output voltage response to step-change in load current (50%-75%-50%
of Iout(max); dI/dt = 0.1A/µs). Load cap: 15µF, 450 m
ESR tantalum capacitor
and 1µF ceramic capacitor. Ch1: Vout (200mV/div), Ch2: Iout (5A/div).
Figure 12: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max): dI/dt = 5A/µs). Load cap: 470µF, 30 m
ESR tantalum
capacitor and 1µF ceramic cap. Ch1: Vout (200mV/div), Ch2: Iout (5A/div).
Semiconductor junction temperature is
within 1
°C of surface temperature


Similar Part No. - PQ60050QML15NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60050QGA20 SYNQOR-PQ60050QGA20 Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QGA20NKS SYNQOR-PQ60050QGA20NKS Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QGA20NNS SYNQOR-PQ60050QGA20NNS Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QGA20NRS SYNQOR-PQ60050QGA20NRS Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QGA20NYS SYNQOR-PQ60050QGA20NYS Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60050QML15NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60015QML15 SYNQOR-PQ60015QML15 Datasheet
653Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60025QML15 SYNQOR-PQ60025QML15 Datasheet
722Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015EML15 SYNQOR-PQ60015EML15 Datasheet
844Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018EML15 SYNQOR-PQ60018EML15 Datasheet
789Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60033QML15 SYNQOR-PQ60033QML15 Datasheet
733Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60018QML15 SYNQOR-PQ60018QML15 Datasheet
654Kb / 13P
   15 Amp, No Heatsink, Isolated DC/DC Converter
PQ60015QGA25 SYNQOR-PQ60015QGA25 Datasheet
737Kb / 13P
   25 Amp, No Heatsink, Isolated DC/DC Converter
PQ48020HGA40 SYNQOR-PQ48020HGA40 Datasheet
828Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HGA40 SYNQOR-PQ48025HGA40 Datasheet
833Kb / 14P
   40 Amp, No Heatsink, Isolated DC/DC Converter
PQ48025HMA30 SYNQOR-PQ48025HMA30 Datasheet
785Kb / 14P
   30 Amp, No Heatsink, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com