Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60050QTA30NKS Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # PQ60050QTA30NKS
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60050QTA30NKS Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ60050QTA30NKS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60050QTA30NKS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60050QTA30NKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60050QTA30NKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60050QTA30NKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60050QTA30NKS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60050QTA30NKS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60050QTA30NKS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60050QTA30NKS Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Product # PQ60050QTA30
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QT650C Rev. E
05/20/09
Page 8
Technical Specification
Input:
Output:
Current:
Package:
35-75 V
5.0 V
30 A
Quarter-brick
0.0001
0.001
0.01
0.1
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 19: Magntiude of incremental output impedance (Zout = vout/iout)
for minimum, nominal, and maximum input voltage at full rated power.
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 20: Magnitude of incremental forward transmission (FT = vout/vin)
for minimum, nominal, and maximum input voltage at full rated power.
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 21: Magnitude of incremental reverse transmission (RT = iin/iout)
for minimum, nominal, and maximum input voltage at full rated power.
0.1
1
10
100
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 22: Magnitude of incremental input impedance (Zin = vin/iin) for
minimum, nominal, and maximum input voltage at full rated power.
0
1
2
3
4
5
6
7
8
9
10
40.0
39.5
39.0
38.5
38.0
37.5
37.0
36.5
36.0
35.5
35.0
Input Voltage (V)
100% Load
50% Load
0% Load
Figure 23: Achievable trim-up percentage vs. input voltage. at output loads
of 0%, 50% and full load.


Similar Part No. - PQ60050QTA30NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60050QGA20 SYNQOR-PQ60050QGA20 Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QGA20NKS SYNQOR-PQ60050QGA20NKS Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QGA20NNS SYNQOR-PQ60050QGA20NNS Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QGA20NRS SYNQOR-PQ60050QGA20NRS Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QGA20NYS SYNQOR-PQ60050QGA20NYS Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60050QTA30NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com