Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60050QTA30PNS Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ60050QTA30PNS
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60050QTA30PNS Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ60050QTA30PNS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60050QTA30PNS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60050QTA30PNS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60050QTA30PNS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60050QTA30PNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60050QTA30PNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60050QTA30PNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60050QTA30PNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60050QTA30PNS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product # PQ60050QTA30
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QT650C Rev. E
05/20/09
Page 2
Technical Specification
Input:
Output:
Current:
Package:
35-75 V
5.0 V
30 A
Quarter-brick
NOTES
1)Pins1-3,5-7are0.040”(1.02mm)diameterwith
0.080”(2.03mm)diameterstandoffshoulders.
2)Pins4and8are0.062”(1.57mm)diameterwith0.100”
(2.54mm)diameterstandoffshoulders.
3)Otherpinextensionlengthsavailable.
4)AllPins:Material-CopperAlloy
Finish-MatteTinoverNickelplate
5)Undimensionedcomponentsareshownforvisualreferenceonly.
6) All dimensions in inches (mm)
Tolerances:
x.xx+/-0.02in.(x.x+/-0.5mm)
x.xxx+/-0.010in.(x.xx+/-0.25mm)
7)Weight:2.4oz.(68g)typical
8)Workmanship:MeetsorexceedsIPC-A-610CClassII
9)UL/TUVstandardsrequireaclearancegreaterthan0.04”
(1.02mm)betweeninputandoutputforBasicinsulation.This
issue should be considered if any copper traces are on the top side
oftheuser’sboard.Notethattheferritecoresareconsideredpart
of the input/primary circuit.
10) The flanged pins are designed to permit surface mount soldering
(allowing to avoid the wave soldering process) through the use of the
flanged pin-in-paste technique.
PIN DESIGNATIONS
Mechanical Diagram
Pin Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF TTL input to turn converter on and off,
referenced to Vin(-), with internal pull up.
3
Vin(-)
Negative input voltage
4
Vout(-)
Negative output voltage
5
SENSE(-) Negative remote sense see note 1
6
TRIM
Output voltage trim see note 2
7
SENSE(+) Positive remote sense see note 3
8
Vout(+)
Positive output voltage
Top View
0.600
(15.24)
0.600
(15.24)
0.300
(7.62)
0.150
(3.81)
Side View
0.145
(3.68)
0.145
(3.68)
See
Note 3
2.00
(50.8)
2.30
(58.4)
.14
(3.6)
.43
(10.9)
.43
(10.9)
.300
(7.62)
PIN
FARSIDE
TYPICAL
SEE NOTES
1, 2, AND 4
BOTTOMSIDE
CLEARANCE
0.060 +.022/-.032
(1.52 +.55/-.81)
0.450
(11.43)
8 7 6 5 4
1
2
3
1)SENSE(-)shouldbeconnectedtoVout(-)eitherremotelyorattheconverter
2)LeaveTRIMpinopenfornominaloutputvoltage.
3)SENSE(+)shouldbeconnectedtoVout(+)eitherremotelyorattheconverter


Similar Part No. - PQ60050QTA30PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60050QGA20 SYNQOR-PQ60050QGA20 Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QGA20NKS SYNQOR-PQ60050QGA20NKS Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QGA20NNS SYNQOR-PQ60050QGA20NNS Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QGA20NRS SYNQOR-PQ60050QGA20NRS Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
PQ60050QGA20NYS SYNQOR-PQ60050QGA20NYS Datasheet
740Kb / 13P
   20 Amp, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60050QTA30PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com