Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2771ID Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2771ID
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2771ID Datasheet(HTML) 1 Page - Texas Instruments

  TLV2771ID Datasheet HTML 1Page - Texas Instruments TLV2771ID Datasheet HTML 2Page - Texas Instruments TLV2771ID Datasheet HTML 3Page - Texas Instruments TLV2771ID Datasheet HTML 4Page - Texas Instruments TLV2771ID Datasheet HTML 5Page - Texas Instruments TLV2771ID Datasheet HTML 6Page - Texas Instruments TLV2771ID Datasheet HTML 7Page - Texas Instruments TLV2771ID Datasheet HTML 8Page - Texas Instruments TLV2771ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209F – JANUARY 1998 – REVISED MARCH 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D High Slew Rate . . . 10.5 V/µs Typ
D High-Gain Bandwidth . . . 5.1 MHz Typ
D Supply Voltage Range 2.5 V to 5.5 V
D Rail-to-Rail Output
D 360 µV Input Offset Voltage
D Low Distortion Driving 600-Ω
0.005% THD+N
D 1 mA Supply Current (Per Channel)
D 17 nV/√Hz Input Noise Voltage
D 2 pA Input Bias Current
D Characterized From TA = –55°C to 125°C
D Available in MSOP and SOT-23 Packages
D Micropower Shutdown Mode ...IDD < 1 µA
D Available in Q-Temp Automotive
High Reliability Automotive Applications
Configuration Control / Print Support
Qualification to Automotive Standards
description
The TLV277x CMOS operational amplifier family combines high slew rate and bandwidth, rail-to-rail output
swing, high output drive, and excellent dc precision. The device provides 10.5 V/
µs of slew rate and 5.1 MHz
of bandwidth while only consuming 1 mA of supply current per channel. This ac performance is much higher
than current competitive CMOS amplifiers. The rail-to-rail output swing and high output drive make these
devices a good choice for driving the analog input or reference of analog-to-digital converters. These devices
also have low distortion while driving a 600-
Ω load for use in telecom systems.
These amplifiers have a 360-
µV input offset voltage, a 17 nV/√Hz input noise voltage, and a 2-pA input bias
current for measurement, medical, and industrial applications. The TLV277x family is also specified across an
extended temperature range (–40
°C to 125°C), making it useful for automotive systems, and the military
temperature range (–55
°C to 125°C), for military systems.
These devices operate from a 2.5-V to 5.5-V single supply voltage and are characterized at 2.7 V and 5 V. The
single-supply operation and low power consumption make these devices a good solution for portable
applications. The following table lists the packages available.
FAMILY PACKAGE TABLE
DEVICE
NUMBER
OF
PACKAGE TYPES
SHUTDOWN
UNIVERSAL
DEVICE
OF
CHANNELS
PDIP
CDIP
SOIC
SOT-23
TSSOP
MSOP
LCCC
CPAK
SHUTDOWN
EVM BOARD
TLV2770
1
8
8
8
Yes
TLV2771
1
8
5
TLV2772
2
8
8
8
8
8
20
10
Refer to the EVM
Selection Guide
TLV2773
2
14
14
10
Yes
Selection Guide
(Lit# SLOU060)
TLV2774
4
14
14
14
(Lit# SLOU060)
TLV2775
4
16
16
16
Yes
A SELECTION OF SINGLE-SUPPLY OPERATIONAL AMPLIFIER PRODUCTS†
DEVICE
VDD
(V)
BW
(MHz)
SLEW RATE
(V/
µs)
IDD (per channel)
(
µA)
RAIL-TO-RAIL
TLV277X
2.5 – 6.0
5.1
10.5
1000
O
TLV247X
2.7 – 6.0
2.8
1.5
600
I/O
TLV245X
2.7 – 6.0
0.22
0.11
23
I/O
TLV246X
2.7 – 6.0
6.4
1.6
550
I/O
† All specifications measured at 5 V.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
This document contains information on products in more than one phase
of development. The status of each device is indicated on the page(s)
specifying its electrical characteristics.
Copyright
 2001, Texas Instruments Incorporated
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLV2771ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2771ID TI-TLV2771ID Datasheet
1Mb / 63P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2771ID TI-TLV2771ID Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2771ID TI-TLV2771ID Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2771ID TI1-TLV2771ID Datasheet
2Mb / 74P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV2771ID TI1-TLV2771ID Datasheet
2Mb / 73P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
More results

Similar Description - TLV2771ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2771-Q1 TI1-TLV2771-Q1 Datasheet
974Kb / 45P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X TI-TLV277X_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X-Q1 TI-TLV277X-Q1 Datasheet
828Kb / 41P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2772A-EP TI1-TLV2772A-EP Datasheet
1Mb / 40P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV227X TI-TLV227X Datasheet
1Mb / 63P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X TI1-TLV277X_17 Datasheet
2Mb / 73P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X-EP TI1-TLV277X-EP Datasheet
1Mb / 42P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X-Q1 TI1-TLV277X-Q1_16 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X TI1-TLV277X_16 Datasheet
2Mb / 74P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com