Electronic Components Datasheet Search |
|
PQ60120HTA14NKS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters |
|
PQ60120HTA14NKS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters |
1 / 14 page Product # PQ60120HTA14 Phone 1-888-567-9596 Doc.# 005-2HT612F Rev. D 9/9/04 Page 1 Half Half Brick Brick Technical Specification 48Vin 12Vout 13.8A 165 Watt, No Heatsink, Isolated DC/DC Converter The PQ60120HTA14 PowerQor™ Tera converter is a next-generation, board-mountable, isolated, fixed switching frequency DC/DC converter that uses synchronous rectification toachieve extremely high conversion efficiency. The power dissipated by the converter is so low that a heatsink is not required, which saves cost, weight, height, and application effort. The Tera series converters offer the maximum useable output current for any standard “half-brick” module. The Tera units also feature active current sharing for N+1 and parallel applications. PQ60120HTA14 Module Mechanical Features • Industry standard half-brick pin-out configuration • Industry standard size: 2.3” x 2.4” (58.4 x 61.0mm) • Total height only 0.43” (11.2mm), permits better air- flow and smaller card pitch • Total weight: 2.6 oz. (75 grams) Safety Features • 2000V, 30 M Ω input-to-output isolation • UL/cUL 60950 recognized (US & Canada), basic insulation rating • TUV certified to EN60950 • Meets 72/23/EEC and 93/68/EEC directives • Meets UL94V-0 flammability requirements Operational Features • Ultra-high efficiency, 93% at full rated load current • Delivers up to 165 Watts of output power with mini- mal derating - no heatsink required • Wide input voltage range: 35V – 75V, with 100V 100ms input voltage transient capability • Fixed frequency switching provides predictable EMI performance Protection Features • Input under-voltage lockout disables converter at low input voltage conditions • Output current limit and short circuit protection • Active back bias limit prevents damage to convert- er from external load induced pre-bias • Output over-voltage protection • Thermal shutdown Control Features • On/Off control referenced to input side (positive and negative logic options are available) • Remote sense for the output voltage compensates for output distribution drops • Output voltage trim permits custom voltages and voltage margining Optional Features (Full-Feature modules) • Active current share for N+1 and parallel applications • External Clock Synchronization pin for better EMI characteristics • Startup Synchronization pin for more consistent start- up sequence • ORing FET drive supply for efficient ORing protection |
Similar Part No. - PQ60120HTA14NKS |
|
Similar Description - PQ60120HTA14NKS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |