Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120HPA20NNS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60120HPA20NNS
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120HPA20NNS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60120HPA20NNS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120HPA20NNS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120HPA20NNS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120HPA20NNS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120HPA20NNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120HPA20NNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120HPA20NNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120HPA20NNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120HPA20NNS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product # PQ60120HPA20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HP612K Rev. E
3/08/05
Page 1
T
Technical
echnical
S
Specification
pecification
PQ60120HP
PQ60120HPA20
A20
TThhee PPQ
Q6
60
01
12
20
0H
HPPA
A2
20
0 PPoow
weerrQ
Qoorr
PPeettaa hhaallff-bbrriicckk ccoonnvveerrtteerr
iiss aa nneexxtt-ggeenneerraattiioonn,, bbooaarrdd-m
moouunnttaabbllee,, iissoollaatteedd,, ffiixxeedd ssw
wiittcchh-
iinngg ffrreeqquueennccyy D
DC
C/
/D
DC
C ccoonnvveerrtteerr tthhaatt uusseess ssyynncchhrroonnoouuss rreeccttii-
ffiiccaattiioonn ttoo aacchhiieevvee eexxttrreem
meellyy hhiigghh ccoonnvveerrssiioonn eeffffiicciieennccyy.. TThhee
ppoow
weerr ddiissssiippaatteedd bbyy tthhee ccoonnvveerrtteerr iiss ssoo lloow
w tthhaatt aa hheeaattssiinnkk
iiss nnoott rreeqquuiirreedd,, w
whhiicchh ssaavveess ccoosstt,, w
weeiigghhtt,, hheeiigghhtt,, aanndd aappppllii-
ccaattiioonn eeffffoorrtt.. TThhee PPeettaa sseerriieess ccoonnvveerrtteerrss ooffffeerr iinndduussttrryy lleeaadd-
iinngg oouuttppuutt ccuurrrreenntt ffoorr aa ssttaannddaarrdd ““hhaallff-bbrriicckk”” m
moodduullee.. IInn
aaddddiittiioonn ttoo ttyyppiiccaall ssiinnggllee oouuppuutt vvoollttaaggee aapppplliiccaattiioonnss,, tthhee
PPeettaa uunniittss ccaann aallssoo bbee uusseedd ttoo pprroovviiddee aa w
wiiddee iinnppuutt rraannggee
IInntteerrm
meeddiiaattee BBuuss ffoorr IIBBA
A ssyysstteem
mss..
PQ60120HPA20 Module
48V
48V in
in
12V
12Vout
out
20Amp
20Amp
2000Vdc
2000Vdc
Half-brick
Half-brick
Input
Input
Output
Output
Current
Current
Isolation
Isolation
DC/DC Conver
DC/DC Conver ter
ter
• Ultra-high efficiency, 92.5% at full rated load
• Delivers up to 240 Watts of output power (20A) with
minimal derating - no heatsink required
• Wide input voltage range: 35V – 75V, with 100V
100ms input voltage transient capability
• Fixed frequency switching provides predictable EMI
performance
Operational Features
Operational Features
• Input under-voltage lockout disables converter at low
input voltage conditions
• Output current limit and short circuit protection
• Active back bias limit prevents damage to converter
from external load induced pre-bias
• Output over-voltage protection
• Thermal shutdown
Pr
Protection Features
otection Features
• On/Off control referenced to input side (positive and
negative logic options are available)
• Remote sense for the output voltage compensates for
output distribution drops
• Output voltage trim permits custom voltages and voltage
margining
Contr
Control Features
ol Features
• 2000V, 30 M
input-to-output isolation (optional mod-
ules available with 2,250V isolation)
• UL 60950 recognized (US & Canada), basic insula-
tion rating
• TUV certified to EN60950
• Meets 72/23/EEC and 93/68/EEC directives
• Meets UL94V-0 flammability requirements
Safety Features
Safety Features
• Industry standard pin-out configuration
• Industry standard size: 2.3” x 2.4” (58.4 x 61.0mm)
• Total height only 0.43” (10.8mm), permits better air-
flow and smaller card pitch
• Total weight: 2.7 oz. (75 grams)
Mechanical Features
Mechanical Features


Similar Part No. - PQ60120HPA20NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120HTA14 SYNQOR-PQ60120HTA14 Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120HTA14NKF SYNQOR-PQ60120HTA14NKF Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120HTA14NKS SYNQOR-PQ60120HTA14NKS Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120HTA14NNF SYNQOR-PQ60120HTA14NNF Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
PQ60120HTA14NNS SYNQOR-PQ60120HTA14NNS Datasheet
816Kb / 14P
   165 Watt, No Heatsink, Isolated DC/DC Converter
More results

Similar Description - PQ60120HPA20NNS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com