Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120HZA50PKS-G Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # PQ60120HZA50PKS-G
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120HZA50PKS-G Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button PQ60120HZA50PKS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120HZA50PKS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120HZA50PKS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120HZA50PKS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120HZA50PKS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120HZA50PKS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120HZA50PKS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60120HZA50PKS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60120HZA50PKS-G Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Input:
Output:
Current:
Package:
35-75 V
12 V
50 A (600W)
Half-brick
Technical Specification
Product # PQ60120HZx50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HZ612J Rev. D
06/12/09
Page 9
BASICOPERATIONANDFEATURES
The PowerQor Zeta series converter uses a two-stage power
conversion topology. The first stage keeps the output voltage
constant over variations in line, load, and temperature. The
second stage uses a transformer to provide the functions of
input/output isolation and voltage step-down to achieve the low
output voltage required.
Both the first stage and the second stage switch at a fixed
frequency for predictable EMI performance. Rectification of
the transformer’s output is accomplished with synchronous
rectifiers. These devices, which are MOSFETs with a very low
on-state resistance, dissipate significantly less energy than
Schottky diodes, enabling the PowerQor converter to achieve
high efficiency.
Dissipation throughout the converter is so low that it does not
require a heatsink for operation. Since a heatsink is not required,
the PowerQor converter does not need a metal baseplate or
potting material to help conduct the dissipated energy to the
heatsink. As an open frame module, the PowerQor converter can
be built more simply and reliably using high yield surface mount
techniquesonaPCBsubstrate.
The PowerQor series of half-brick, quarter-brick and eighth-brick
converters uses the industry standard footprint and pin-out
configuration.
CONTROLFEATURES
REMOTE ON/OFF (Pin 2):TheON/OFFinput,Pin2,permits
the user to control when the converter is on or off. This input is
referenced to the return terminal of the input bus, Vin(-). The
converter is available with either positive or negative logic used
fortheON/OFFinput.
In the positive logic version, the ON/OFF input is active high
(meaning that a high voltage turns the converter on). In the
negativelogicversion,theON/OFFsignalisactivelow(meaning
that a low voltage turns the converter on).FigureAdetailsfive
possiblecircuitsfordrivingtheON/OFFpin.
REMOTE SENSE(+) (Pins 7 and 5): The SENSE(+) inputs
correct for voltage drops along the conductors that connect the
converter’s output pins to the load.
Pin 7 should be connected to Vout(+) and Pin 5 should be
connected to Vout(-) at the point on the board where regulation
isdesired.Iftheseconnectionsarenotmade,theconverterwill
deliver an output voltage that is slightly higher than its specified
value.
Note: The output over-voltage protection circuit senses the
voltage across the sense leads (pins 7 and 5) to determine when
it should trigger, not the voltage across the converter’s output
pins(pins8and4).
OUTPUT VOLTAGE TRIM (Pin 6):TheTRIMinputpermitsthe
usertoadjusttheoutputvoltageacrossthesenseleadsupor
down according to the trim range specifications. SynQor uses
industry standard trim equations.
To decrease the output voltage, the user should connect a
resistorbetweenPin6(TRIM)andPin5(SENSE(
)input).For
a desired decrease of the nominal output voltage, the value of
theresistorshouldbe:
Rtrim-down =
(100%) _ 2 kW
D
where
D% = Vnominal–Vdesired x100%
Vnominal
Open Collector Enable Circuit
Figure A: Various circuits for driving the ON/OFF pin.
Remote Enable Circuit
Direct Logic Drive
Negative Logic
(Permanently Enabled)
Positive Logic
(Permanently Enabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
CMOS
Vin(_
)
ON/OFF
Vin(_)
Vin(_
)
Application Section


Similar Part No. - PQ60120HZA50PKS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120HZA50PKS SYNQOR-PQ60120HZA50PKS Datasheet
507Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60120HZA50PKS-G

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com