Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120HZA50NKS-G Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60120HZA50NKS-G
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120HZA50NKS-G Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60120HZA50NKS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120HZA50NKS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120HZA50NKS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120HZA50NKS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120HZA50NKS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120HZA50NKS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120HZA50NKS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120HZA50NKS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120HZA50NKS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Technical
Specification
PQ60120HZx50
Product # PQ60120HZx50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HZ612J Rev. D
06/12/09
Page 1
The PQ60120HZA50 PowerQor® Zeta half-brick converter
is a next-generation, board-mountable, isolated, fixed
switching frequency DC/DC converter. The Zeta series
offers industry leading power density for standard isolated
DC/DC converters with both a wide input range and a
tightly regulated output. Targeted for use in intermediate
bus architectures, this module supplies an isolated
step down voltage from 35-75V to 12V and provides
more available power and higher efficiency than most
competitive bus converters. This converter is available
in open-frame and baseplated versions. RoHS Compliant
(see page 13).
•Ultra-highefficiency,95%atfullratedloadcurrent,96.5%athalf
rated load current
•Deliversupto50Aofoutputcurrent(600W)withoptionalbase-plate
configuration
•Wideinputvoltagerange:35V–75V,with100V100msinputvoltage
transient capability
•FixedfrequencyswitchingprovidespredictableEMIperformance
•Nominimumloadrequirementmeansnopreloadresistorsrequired
•Wideoutputvoltagetrimrange(-50%to+5%),seetrimsection
Operational Features
•Inputunder-voltagelockoutdisablesconverteratlowinput
voltage conditions
•Outputcurrentlimitandshortcircuitprotectionprotectsconverter
and load from damage and consequent hazardous conditions
•Activebackbiaslimitprovidessmoothstartupwithexternalload
induced pre-bias
•Latchingoutputover-voltageprotectionprotectsloadfrom
damaging voltages
•Thermalshutdownprotectsconverterfromabnormal
environmental conditions
Protection Features
•Industrystandardhalf-brickpin-outconfiguration
•Industrystandardsize:2.3”x2.4”(58.4x61.0mm)
•Totalheightonly0.50”(12.7mm)forbaseplatedunit,open-frame
only0.420”(10.67mm)
•Totalweight:4.3oz(123g)forbaseplatedunit,theopen-frame
units are 2.6 oz (75 g)
•Openframeunitshaveflangedpinsdesignedtopermitsurface
mountsoldering(avoidwavesolder)usingFPiPtechnique
Mechanical Features
•On/Offcontrolreferencedtoinputside(positiveandnegativelogic
options are available)
PageNo.
MECHANICALDIAGRAM(openframe). . . . . . . . . . . . . . . . . . . . . . . . . 2
MECHANICALDIAGRAM(base-plated). . . . . . . . . . . . . . . . . . . . . . . . . 3
PQ60120HZA50ELECTRICALCHARACTERISTICS . . . . . . . . . . . . . . . 4-5
PQ60 Standards and Qualifications . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
PQ60-HZFigures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Application Section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
OrderingInformation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Control Features
Contents
PQ60120HZA50
•2250Vinput-to-outputisolation
•UL60950-1:2003,basicinsulation
•CAN/CSA-C22.2No.60950-1:2003
•EN60950-1:2001
•RoHScompliant(seepage13)
Safety Features
35-75V
Input
12V
Output
50A
Current
2250Vdc
Isolation
Half-brick
DC/DC Converter


Similar Part No. - PQ60120HZA50NKS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120HZA50NKS SYNQOR-PQ60120HZA50NKS Datasheet
507Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60120HZA50NKS-G

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com