Electronic Components Datasheet Search |
|
PQ60120HZB50NNS Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters |
|
PQ60120HZB50NNS Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters |
5 / 13 page Input: Input: Output: Output: Current: Current: PPackage: ackage: 35-75 V 35-75 V 12 V 12 V 50 A 50 A (600W) (600W) Half-brick Half-brick T Technical S echnical Specification pecification Product # PQ60120HZA50 Phone 1-888-567-9596 www.synqor.com Doc.# 005-2HZ612J Rev. A 8/20/07 Page 5 ELECTRICAL CHARACTERISTICS (Continued) ParameterP Min. Typ. Max. Units Notes & Conditions FEATURE CHARACTERISTICS Switching Frequency Regulation Stage 247.50 250.00 252.50 kHz Over sample, temp & life Switching Frequency Isolation Stage 123.75 125.00 126.25 kHz Over sample, temp & life ON/OFF Control (Option P) Off-State Voltage -2.0 1.0 V On-State Voltage 4.0 18 V ON/OFF Control (Option N) Off-State Voltage 4.0 18 V On-State Voltage -2 1.0 V ON/OFF Control (Either Option) Figures A & B ON/OFF Control Hysteresis 1.5 V Pull-Up Voltage 4.75 5.00 5.25 V Pull Up Resistance 10 kW Output Voltage Trim Range -50 +5 % Measured across Pins 8 & 4; see trim section Output Over-Voltage Protection 113 118 123 % Over full temp range; % of nominal Vout Over-Temperature Shutdown 120 °C Average PCB Temperature Over-Temperature Shutdown Restart Hysteresis 10 °C RELIABILITY CHARACTERISTICS Calculated MTBF (Telcordia) 2.1 106 Hrs. TR-NWT-000332; 80% load,300LFM, 40oC Ta Calculated MTBF (MIL-217) 1.9 106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40oC Ta Field Demonstrated MTBF 106 Hrs. See website for details STANDARDS COMPLIANCE ParameterP Notes STANDARDS COMPLIANCE UL/cUL 60950-1 File # E194341, Basic insulation & pollution degree 2 EN60950-1 Certified by TUV 72/23/EEC 93/68/EEC Needle Flame Test (IEC 695-2-2) Test on entire assembly; board & plastic components UL94V-0 compliant IEC 61000-4-2 ESD test, 8kV - NP, 15kV air - NP (Normal Performance) GR-1089-CORE Section 7 - electrical safety, Section 9 - bonding/grounding Telcordia (Bellcore) GR-513 • An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety certificates on new releases or download from the SynQor website. QUALIFICATION TESTING ParameterP # Units Test Conditions QUALIFICATION TESTING Life Test 32 95% rated Vin and load, units at derating point, 1000 hours Vibration 5 10-55Hz sweep, 0.060” total excursion,1 min./sweep, 120 sweeps for 3 axes Mechanical Shock 5 100g minimum, 2 drops in x and y axis, 1 drop in z axis Temperature Cycling 10 -40°C to 100°C, unit temp. ramp 15°C/min., 500 cycles Power/Thermal Cycling 5 Toperating = min to max, Vin = min to max, full load, 100 cycles Design Marginality 5 Tmin-10°C to Tmax+10°C, 5°C steps, Vin = min to max, 0-105% load Humidity 5 85°C, 85% RH, 1000 hours, 2 minutes on and 6 hours off Solderability 15 pins MIL-STD-883, method 2003 • Extensive characterization testing of all SynQor products and manufacturing processes is performed to ensure that we supply robust, reliable product. Contact the factory for official product family qualification documents. OPTIONS SynQor provides various options for Pin Length and Feature Set for this family of Power Interface Modules. Please consult the last page for information on available options. PATENTS SynQor is protected under various patents. Please consult the last page for further information. |
Similar Part No. - PQ60120HZB50NNS |
|
Similar Description - PQ60120HZB50NNS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |