Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120HZA50PRS Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ60120HZA50PRS
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120HZA50PRS Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ60120HZA50PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120HZA50PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120HZA50PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120HZA50PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120HZA50PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120HZA50PRS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120HZA50PRS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60120HZA50PRS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60120HZA50PRS Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
12 V
12 V
50 A
50 A (600W)
(600W)
Half-brick
Half-brick
T
Technical S
echnical Specification
pecification
Product # PQ60120HZA50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HZ612J Rev. A
8/20/07
Page 10
To increase the output voltage, the user should connect a resistor
between Pin 6 (TRIM) and Pin 7 (SENSE(+) input). For a desired
increase of the nominal output voltage, the value of the resistor
should be
Figure B graphs the relationship between the trim resistor value,
Rtrim-up and Rtrim-down, showing the total range the output volt-
age can be trimmed up or down.
Figure B: Trim Graph for 12Vout module
Note: The TRIM feature does not affect the voltage at which the
output over-voltage protection circuit is triggered. Trimming the
output voltage too high may cause the over-voltage protection cir-
cuit to engage, particularly during transients.
It is not necessary for the user to add capacitance at the Trim pin.
The node is internally filtered to eliminate noise.
Limited 10% up-trim: This converter is capable of operating
for an indefinite period of time with the output trimmed up to 5%
above the nominal 12V output level*. It may also be trimmed
down by as much as 50% (to 6.0V) indefinitely.
This converter is also capable of being trimmed up by as much as
10% (up to 13.2V) for shorter periods of time that are not a sig-
nificant fraction of the product lifetime. For example, in a test sit-
uation, or for output voltage margining where it would remain
trimmed up between 5% and 10% of the nominal voltage for a
few hundred hours, but not for an indefinite period or the product
lifetime. The OVP trip point is set above this level, so it will not
shut down from output overvoltage protection when trimmed up
between 5% and 10%. Continuous operation of this converter
while trimmed up more than 5% could affect long term reliability.
Total DC Variation of Vout: For the converter to meet its full
specifications, the maximum variation of the DC value of Vout,
due to both trimming and remote load voltage drops, should not
be greater than that specified for the output voltage trim range.
PROTECTION FEATURES
Input Under-Voltage Lockout: The converter is designed to
turn off when the input voltage is too low, helping to avoid an
input system instability problem, which is described in more detail
in the application note titled "Input System Instability" on the
SynQor website. The lockout circuitry is a comparator with DC
hysteresis. When the input voltage is rising, it must exceed the typ-
ical "Turn-On Voltage Threshold" value* before the converter will
turn on. Once the converter is on, the input voltage must fall
below the typical Turn-Off Voltage Threshold value before the con-
verter will turn off.
Output Current Limit: If the output current exceeds the "Output
DC Current Limit Inception" point*, then a fast linear current limit
controller will reduce the output voltage to maintain a constant
output current. If as a result, the output voltage falls below the
"Output DC Current Limit Shutdown Voltage"* for more than
50ms, then the unit will enter into hiccup mode, with a 500ms
off-time. The unit will then automatically attempt to restart.
Back-Drive Current Limit: If there is negative output current of
a magnitude larger than the "Back-Drive Current Limit while
Enabled" specification*, then a fast back-drive limit controller will
increase the output voltage to maintain a constant output current.
If this results in the output voltage exceeding the "Output Over-
Voltage Protection" threshold*, then the unit will shut down. The
full I-V output characteristics can be seen in Figure 17.
Output Over-Voltage Limit: If the voltage directly across the
output pins exceeds the "Output Over-Voltage Protection" thresh-
old*, the converter will immediately stop switching. This shutdown
is latching; unlike other shutdown types, the converter will not
restart unless the input power is cycled or the ON/OFF input is
toggled.
Over-Temperature Shutdown: A temperature sensor on the
converter senses the average temperature of the module. The ther-
mal shutdown circuit is designed to turn the converter off when the
* See Electrical Characteristics page.
0.0
0.1
1.0
10.0
100.0
1,000.0
10,000.0
0
5
10
15
20
25
30
35
40
45
50
% Increase in Vout
% Decrease in Vout
Rtrim-up
kW
=
Vnominal
1.225
VDES – VNOM
x VDES + VNOM
– 2
)
(


Similar Part No. - PQ60120HZA50PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120HZA50PRS-G SYNQOR-PQ60120HZA50PRS-G Datasheet
988Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60120HZA50PRS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com