Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120HZB50NNS-G Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ60120HZB50NNS-G
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120HZB50NNS-G Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ60120HZB50NNS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120HZB50NNS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120HZB50NNS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120HZB50NNS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120HZB50NNS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120HZB50NNS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120HZB50NNS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60120HZB50NNS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60120HZB50NNS-G Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Input:
Output:
Current:
Package:
35-75 V
12 V
50 A (600W)
Half-brick
Technical Specification
Product # PQ60120HZx50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HZ612J Rev. D
06/12/09
Page 10
To increase the output voltage, the user should connect a
resistorbetweenPin6(TRIM)andPin7(SENSE(+)input).For
a desired increase of the nominal output voltage, the value of
the resistor should be
FigureBgraphstherelationshipbetweenthetrimresistorvalue,
Rtrim-up and Rtrim-down, showing the total range the output
voltage can be trimmed up or down.
Figure B: Trim Graph for 12Vout module
Note:TheTRIMfeaturedoesnotaffectthevoltageatwhichthe
output over-voltage protection circuit is triggered. Trimming the
output voltage too high may cause the over-voltage protection
circuit to engage, particularly during transients.
ItisnotnecessaryfortheusertoaddcapacitanceattheTrim
pin. The node is internally filtered to eliminate noise.
Limited 10% up-trim:Thisconverteriscapableofoperating
for an indefinite period of time with the output trimmed up
to 5% above the nominal 12V output level*.It may also be
trimmeddownbyasmuchas50%(to6.0V)indefinitely.
This converter is also capable of being trimmed up by as much
as10%(upto13.2V)forshorterperiodsoftimethatarenot
asignificantfractionoftheproductlifetime.Forexample,ina
test situation, or for output voltage margining where it would
remaintrimmedupbetween5%and10%ofthenominalvoltage
for a few hundred hours, but not for an indefinite period or the
productlifetime.TheOVPtrippointissetabovethislevel,so
it will not shut down from output overvoltage protection when
trimmed up between 5% and 10%.Continuous operation of
thisconverterwhiletrimmedupmorethan5%couldaffectlong
term reliability.
Total DC Variation of Vout:Fortheconvertertomeetitsfull
specifications, the maximum variation of the DC value of Vout,
due to both trimming and remote load voltage drops, should not
be greater than that specified for the output voltage trim range.
PROTECTIONFEATURES
Input Under-Voltage Lockout: The converter is designed
to turn off when the input voltage is too low, helping to avoid
an input system instability problem, which is described in more
detail in the application note titled “Input System Instability”
on the SynQor website. The lockout circuitry is a comparator
with DC hysteresis. When the input voltage is rising, it must
exceed the typical “Turn-On Voltage Threshold” value* before
theconverterwillturnon.Oncetheconverterison,theinput
voltagemustfallbelowthetypicalTurn-OffVoltageThreshold
value before the converter will turn off.
Output Current Limit:Iftheoutputcurrentexceedsthe“Output
DCCurrentLimitInception”point*,thenafastlinearcurrentlimit
controller will reduce the output voltage to maintain a constant
output current. If as a result, the output voltage falls below the
“Output DC Current Limit Shutdown Voltage”* for more than
50ms, then the unit will enter into hiccup mode, with a 500ms
off-time. The unit will then automatically attempt to restart.
Back-Drive Current Limit:Ifthereisnegativeoutputcurrent
of a magnitude larger than the “Back-Drive Current Limit while
Enabled”specification*,thenafastback-drivelimitcontrollerwill
increase the output voltage to maintain a constant output current.
Ifthisresultsintheoutputvoltageexceedingthe“OutputOver-
VoltageProtection”threshold*,thentheunitwillshutdown.The
fullI-VoutputcharacteristicscanbeseeninFigure17.
Output Over-Voltage Limit: If the voltage directly across
the output pins exceeds the “Output Over-Voltage Protection”
threshold*,theconverterwillimmediatelystopswitching.This
shutdownislatching;unlikeothershutdowntypes,theconverter
willnotrestartunlesstheinputpoweriscycledortheON/OFF
input is toggled.
Over-Temperature Shutdown: A temperature sensor on the
converter senses the average temperature of the module. The
thermal shutdown circuit is designed to turn the converter off
whenthetemperatureatthesensedlocationreachesthe“Over-
Temperature Shutdown” value*. It will allow the converter to
turn on again when the temperature of the sensed location falls
by the amount of the “Over-Temperature Shutdown Restart
Hysteresis”value*.
* See Electrical Characteristics page.
0.0
0.1
1.0
10.0
100.0
1,000.0
10,000.0
0
5
10
15
20
25
30
35
40
45
50
% Increase in Vout
% Decrease in Vout
Rtrim-
up
kW
=
Vnominal
1.225
VDES–VNOM
x VDES+VNOM
–2
)
(


Similar Part No. - PQ60120HZB50NNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120HZB50NNS SYNQOR-PQ60120HZB50NNS Datasheet
507Kb / 13P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60120HZB50NNS-G

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com