Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120QEA25PNS-G Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ60120QEA25PNS-G
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120QEA25PNS-G Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ60120QEA25PNS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60120QEA25PNS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60120QEA25PNS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60120QEA25PNS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120QEA25PNS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120QEA25PNS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120QEA25PNS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120QEA25PNS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120QEA25PNS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Input:
Output:
Current:
Package:
35-75 V
12 V
25 A (300W)
Quarter-brick
Product # PQ60120QEA25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QE612J Rev. B
03/24/09
Page 3
Technical Specification
Top View
Side View
MECHANICAL
DIAGRAM
(base-plated)
NOTES
1) Pins 1-3, 5-7 are 0.040” (1.02mm) diameter with 0.080”
(2.03 mm) diameter standoff shoulders.
2) Pins 4 and 8 are 0.062” (1.57 mm) diameter with 0.100”
(2.54 mm) diameter standoff shoulders.
3) Other pin extension lengths available. Recommended pin length is
0.03” (0.76mm) greater than the PCB thickness.
4) All Pins: Material - Copper Alloy
Finish (RoHS 5/6) - Tin/Lead over Nickel plate
Finish (RoHS 6/6) - Matte Tin over Nickel plate
5) Undimensioned components are shown for visual reference only.
6) All dimensions in inches (mm)
Tolerances: x.xx +0.02 in. (x.x +0.5mm)
x.xxx +0.010 in. (x.xx +0.25mm)
7) Weight: 2.4 oz. (69 g) typical
8) Workmanship: Meets or exceeds IPC-A-610C Class II
9) UL/TUV standards require a clearance greater than 0.04” (1.02mm) between
input and output for Basic insulation. This issue should be considered if any copper
traces are on the top side of the user’s board. Note that the ferrite cores are consid-
ered part of the input/primary circuit.
10) The flanged pins are designed to permit surface mount soldering (avoiding
the wave soldering process) through the use of the flanged pin-in-paste tech-
nique.
11) M3 screws used to bolt unit’s baseplate to other surfaces such as a heatsink must not
exceed 0.100” (2.54mm) depth below the baseplate surface.
12) Applied torque per screw should not exceed 6 in-lb (0.7 Nm).
Pin No. Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter
on and off, referenced to
Vin(), with internal pull up.
3
Vin()
Negative input voltage
4
Vout()
Negative output voltage
5
SENSE()
Negative remote sense1
6
TRIM
Output voltage trim2
7
SENSE(+)
Positive remote sense3
8
Vout(+)
Positive output voltage
Notes:
1. SENSE(–) should be connected to Vout(–) either remotely or at the con-
verter.
2. Leave TRIM pin open for nominal output voltage.
3. SENSE(+) should be connected to Vout(+) either remotely or at the con-
verter.
PIN DESIGNATIONS
0.300
(7.62)
0.600
(15.24)
0.43
(10.9)
0.150
(3.81)
0.300
(7.62)
0.450
(11.43)
0.600
(15.24)
0.14
(3.6)
1
7
6
5
4
2
3
Bottom side
Clearance
See Note 9
M3 Threaded Inserts
4 Places
See Notes 11 & 12
2.30
(58.4)
2.00
(50.8)
0.025 +.024
(10.46 +0.60)
Lowest
Component
Load Board
Flanged Pin
See Note 10
0.180
(4.57)
See Note 3
0.499 max
(12.67)
1.45
(36.8)
1.03
(26.2)
0.21
(5.3)
1.86
(47.2)
0.22
(5.6)
8


Similar Part No. - PQ60120QEA25PNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QEA25 SYNQOR-PQ60120QEA25 Datasheet
2Mb / 14P
   No minimum load requirement
More results

Similar Description - PQ60120QEA25PNS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com