Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60120QEB25NRS-G Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # PQ60120QEB25NRS-G
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60120QEB25NRS-G Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button PQ60120QEB25NRS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60120QEB25NRS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60120QEB25NRS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60120QEB25NRS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60120QEB25NRS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60120QEB25NRS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60120QEB25NRS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60120QEB25NRS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60120QEB25NRS-G Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Input:
Output:
Current:
Package:
35-75 V
12 V
25 A (300W)
Quarter-brick
Product # PQ60120QEA25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2QE612J Rev. B
03/24/09
Page 8
Technical Specification
Figure 13: Input reflected ripple current, is, through a 4.7µH source
inductor, using a 100µF input capacitor, at nominal input voltage and
rated load current (10 mA/div). See Figure 11.
Figure 14: Output voltage ripple at nominal input voltage and rated
load current (20 mV/div). Load capacitance: 1µF ceramic capacitor
and 10µF tantalum capacitor. Bandwidth: 500 MHz. See Figure 11.
Figure 15: Output voltage response to step-change in input voltage
(50V to 100V in 200µs). Load cap: 470µF, 15 mW ESR tantalum capaci-
tor. Ch 1: Vout (500mV/div), Ch 2: Vin (20V/div), at zero load current.
Figure 16: Load current (10A/div) as a function of time when the convert-
er attempts to turn on into a 10 mW short circuit. Bottom trace (10ms/div)
is an expansion of the on-time portion of the top trace (100ms/div).
Figure 17: Output voltage vs. load current showing typical current limit
curves and OVP shutdown point.
OVP Shutdown


Similar Part No. - PQ60120QEB25NRS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120QEB17NKS SYNQOR-PQ60120QEB17NKS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEB17NNS SYNQOR-PQ60120QEB17NNS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEB17NRS SYNQOR-PQ60120QEB17NRS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEB17NYS SYNQOR-PQ60120QEB17NYS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60120QEB17PKS SYNQOR-PQ60120QEB17PKS Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
More results

Similar Description - PQ60120QEB25NRS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com