Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60180HTA09NYS Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # PQ60180HTA09NYS
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60180HTA09NYS Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button PQ60180HTA09NYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60180HTA09NYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60180HTA09NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60180HTA09NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60180HTA09NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60180HTA09NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60180HTA09NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60180HTA09NYS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60180HTA09NYS Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Product # PQ60180HTA09
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HT681F Rev. B
11/2/04
Page 7
Input:
Input:
Output:
Output:
Current:
Current:
P
Package:
ackage:
35-75 V
35-75 V
18 V
18 V
9.2 A
9.2 A (165W)
(165W)
Half-brick
Half-brick
T
Technical S
echnical Specification
pecification
Figure 13: Test set-up diagram showing measurement points for Input
Terminal Ripple Current (Figure 14), Input Reflected Ripple Current
(Figure 15) and Output Voltage Ripple (Figure 16).
10 µH
source
impedance
DC/DC
Converter
See Fig. 15
See Fig. 14
See Fig. 16
1 µF
ceramic
capacitor
15 µF,
450m
Ω ESR
tantalum
capacitor
47 µF,
<1
Ω ESR
electrolytic
capacitor
VSOURCE
i
S
i
C
VOUT
Figure 14: Input Terminal Ripple Current, ic, at full rated output cur-
rent and nominal input voltage with 10µH source impedance and 47µF
electrolytic capacitor (100 mA/div). (See Figure 13)
Figure 15: Input reflected ripple current, is, through a 10 µH source
inductor at nominal input voltage and rated load current (5 mA/div).
(See Figure 13)
Figure 16: Output voltage ripple at nominal input voltage and rated
load current (20 mV/div). Load capacitance: 1µF ceramic capacitor
and 15µF tantalum capacitor. Bandwidth: 20 MHz. (See Figure 13)
8
10
12
14
16
18
20
02468
10
12
14
Load Current (A)
35 V
48 V
75 V
Figure 17: Output voltage vs. load current showing typical current limit
curves and converter shutdown points.
Figure 18: Load current (10A/div) as a function of time when the con-
verter attempts to turn on into a 1 m
Ω short circuit. Top trace
(2ms/div) is an expansion of the on-time portion of the bottom trace.


Similar Part No. - PQ60180HTA09NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120EGA07NKS SYNQOR-PQ60120EGA07NKS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NNS SYNQOR-PQ60120EGA07NNS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NRS SYNQOR-PQ60120EGA07NRS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NYS SYNQOR-PQ60120EGA07NYS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07PKS SYNQOR-PQ60120EGA07PKS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60180HTA09NYS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com