Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60180HTA09PNF Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # PQ60180HTA09PNF
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60180HTA09PNF Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  PQ60180HTA09PNF Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60180HTA09PNF Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60180HTA09PNF Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60180HTA09PNF Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60180HTA09PNF Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60180HTA09PNF Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60180HTA09PNF Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60180HTA09PNF Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60180HTA09PNF Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Product # PQ60180HTA09
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HT681F Rev. B
11/2/04
Page 4
Input:
Input:
Output:
Output:
Current:
Current:
P
Package:
ackage:
35-75 V
35-75 V
18 V
18 V
9.2 A
9.2 A (165W)
(165W)
Half-brick
Half-brick
T
Technical S
echnical Specification
pecification
Parameter P
Min.
Typ.
Max.
Units
Notes & Conditions
FEATURE CHARACTERISTICS
Switching Frequency
205
230
255
kHz
Regulation stage and Isolation stage
ON/OFF Control (Option P)
Off-State Voltage
-2
0.8
V
On-State Voltage
2.7
18
V
ON/OFF Control (Option N)
Off-State Voltage
2.7
18
V
On-State Voltage
-2
0.8
V
ON/OFF Control (Either Option)
Figures A, B
Pull-Up Voltage
Vin/6
15
V
Pull-Up Resistance
42
k
Output Voltage Trim Range
-20
+10
%
Measured across Pins 9 & 5; Figure C
Output Voltage Remote Sense Range
+10
%
Measured across Pins 9 & 5
Output Over-Voltage Protection
117
122
127
%
Over full temp range; % of nominal Vout
Over-Temperature Shutdown
120
°C
Average PCB Temperature
Over-Temperature Shutdown Restart Hysteresis
10
°C
Load Current Scale Factor
178
See App Note: Output Load Current Calc.
RELIABILITY CHARACTERISTICS
Calculated MTBF (Telcordia)
2.2
106 Hrs. TR-NWT-000332; 80% load,300LFM, 40oC Ta
Calculated MTBF (MIL-217)
1.3
106 Hrs. MIL-HDBK-217F; 80% load, 300LFM, 40oC Ta
Field Demonstrated MTBF
106 Hrs. See website for latest values
STANDARDS COMPLIANCE
Parameter P
Notes
STANDARDS COMPLIANCE
UL/cUL 60950
File # E194341, Basic insulation & pollution degree 2
EN60950
Certified by TUV
72/23/EEC
93/68/EEC
Needle Flame Test (IEC 695-2-2)
test on entire assembly; board & plastic components UL94V-0 compliant
IEC 61000-4-2
ESD test, 8kV - NP, 15kV air - NP (Normal Performance)
GR-1089-CORE
Section 7 - electrical safety, Section 9 - bonding/grounding
Telcordia (Bellcore) GR-513
• An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety
certificates on new releases or download from the SynQor website.
QUALIFICATION TESTING
Parameter P
# Units
Test Conditions
QUALIFICATION TESTING
Life Test
32
95% rated Vin and load, units at derating point, 1000 hours
Vibration
5
10-55Hz sweep, 0.060” total excursion,1 min./sweep, 120 sweeps for 3 axis
Mechanical Shock
5
100g minimum, 2 drops in x and y axis, 1 drop in z axis
Temperature Cycling
10
-40°C to 100°C, unit temp. ramp 15°C/min., 500 cycles
Power/Thermal Cycling
5
Toperating = min to max, Vin = min to max, full load, 100 cycles
Design Marginality
5
Tmin-10°C to Tmax+10°C, 5°C steps, Vin = min to max, 0-105% load
Humidity
5
85°C, 85% RH, 1000 hours, 2 minutes on and 6 hours off
Solderability
15 pins
MIL-STD-883, method 2003
• Extensive characterization testing of all SynQor products and manufacturing processes is performed to ensure that we supply
robust, reliable product. Contact factory for official product family qualification document.
ELECTRICAL CHARACTERISTICS (Continued)
OPTIONS
SynQor provides various options for Logic Sense, Pin Length and
Feature Set for this family of DC/DC converters. Please consult the
last page of this specification sheet for information on available
options.
PATENTS
SynQor is protected under various patents, including but not lim-
ited to U.S. Patent #s 5,999,417; 6,222,742 B1; 6,594,159
B2; 6,545,890 B2.


Similar Part No. - PQ60180HTA09PNF

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60120EGA07NKS SYNQOR-PQ60120EGA07NKS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NNS SYNQOR-PQ60120EGA07NNS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NRS SYNQOR-PQ60120EGA07NRS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07NYS SYNQOR-PQ60120EGA07NYS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGA07PKS SYNQOR-PQ60120EGA07PKS Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
More results

Similar Description - PQ60180HTA09PNF

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com